Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 85Page - Cirrus Logic CDB4207 Datasheet HTML 86Page - Cirrus Logic CDB4207 Datasheet HTML 87Page - Cirrus Logic CDB4207 Datasheet HTML 88Page - Cirrus Logic CDB4207 Datasheet HTML 89Page - Cirrus Logic CDB4207 Datasheet HTML 90Page - Cirrus Logic CDB4207 Datasheet HTML 91Page - Cirrus Logic CDB4207 Datasheet HTML 92Page - Cirrus Logic CDB4207 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 144 page
background image
DS880F1
89
CS4207
6.9.9
Pin Sense
Get Parameter Command Format:
Set Parameter Command Format:
Get Response Format:
Set Parameter ID [7:0] Format:
6.9.10
EAPD/BTL Enable
Get Parameter Command Format:
Set Parameter Command Format:
Get Response Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = F09h
Parameter ID = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = 709h
Parameter ID = xxh
Bits
Type
Default
Description
31
Read Only
0b
Presence Detect (PDET)
: A ‘1’ indicates that
there is “something” plugged into the jack associ-
ated with the Pin Widget. A ‘0’ indicates that
nothing is plugged in.
30:0
Read Only
0
Impedance Sense (IMPS)
: Not valid since the
widget is not capable of impedance sensing.
Bits
Type
Default
Description
7:1
Write Only
0000000b
Reserved
0
Write Only
0b
Right Channel (RCHAN):
The write to this bit is
ignored since the widget is not capable of imped-
ance sensing.
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = F0Ch
Parameter ID = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = 70Ch
Parameter ID = xxh
Bits
Type
Default
Description
31:3
Read Only
0
Reserved
2
Read Only
0b
L-R Swap
: Not valid since the widget is not
capable of left/right swapping.
1
Read Only
0b
EAPD
: EAPD is not supported by this pin widget.
0
Read/Write
0b
BTL:
controls the output configuration of a Pin
Widget which has indicated support for balanced
I/O (bit 6, Pin Capabilities Parameter). When this
bit is 0, the output drivers are configured in nor-
mal, single-ended mode; when this bit is 1, they
are configured in balanced mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com