Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 32Page - Cirrus Logic CDB4207 Datasheet HTML 33Page - Cirrus Logic CDB4207 Datasheet HTML 34Page - Cirrus Logic CDB4207 Datasheet HTML 35Page - Cirrus Logic CDB4207 Datasheet HTML 36Page - Cirrus Logic CDB4207 Datasheet HTML 37Page - Cirrus Logic CDB4207 Datasheet HTML 38Page - Cirrus Logic CDB4207 Datasheet HTML 39Page - Cirrus Logic CDB4207 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 144 page
background image
36
DS880F1
CS4207
6.3
Audio Function Group (Node ID = 01h)
6.3.1
Subordinate Node Count
Get Parameter Command Format:
Response Format:
6.3.2
Function Group Type
Get Parameter Command Format:
Response Format:
6.3.3
Audio Function Group Capabilities
Get Parameter Command Format:
Response Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = F00h
Parameter ID = 04h
Bits
Type
Default
Description
31:24
Read Only
00h
Reserved
23:16
Read Only
02h
Starting Node Number
15:8
Read Only
00h
Reserved
7:0
Read Only
14h
Total Number of Nodes equals 20
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = F00h
Parameter ID = 05h
Bits
Type
Default
Description
31:9
Read Only
0
Reserved
8
Read Only
0b
Not Unsolicited Capable. This node does not
generate an unsolicited response.
7:0
Read Only
01h
Node Type - Audio Function Group
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = F00h
Parameter ID = 08h
Bits
Type
Default
Description
31:17
Read Only
0
Reserved
16
Read Only
1b
Beep Generation
15:12
Read Only
0h
Reserved
11:8
Read Only
9h
Input Delay - represents the number of samples
between when the sample is received as an ana-
log signal at the pin and when the digital repre-
sentation is transmitted on the High Definition
Audio Link. This may be a “typical” value.
7:4
Read Only
0h
Reserved
3:0
Read Only
Eh
Output Delay - represents the number of sam-
ples between when the sample is received from
the Link and when it appears as an analog signal
at the pin. This may be a “typical” value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com