Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 86Page - Cirrus Logic CDB4207 Datasheet HTML 87Page - Cirrus Logic CDB4207 Datasheet HTML 88Page - Cirrus Logic CDB4207 Datasheet HTML 89Page - Cirrus Logic CDB4207 Datasheet HTML 90Page - Cirrus Logic CDB4207 Datasheet HTML 91Page - Cirrus Logic CDB4207 Datasheet HTML 92Page - Cirrus Logic CDB4207 Datasheet HTML 93Page - Cirrus Logic CDB4207 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 144 page
background image
90
DS880F1
CS4207
6.9.11
Configuration Default
The Configuration Default register is used by software as an aid in determining the configuration of jacks
and devices attached to the codec. At the time the codec is first powered on, this register is internally load-
ed with default values indicating the typical system use of this particular pin/jack. After this initial loading,
it is completely codec opaque, and its state, including any software writes into the register, must be pre-
served across reset events such as LINK Reset or Codec Reset (the Function Reset Verb). Its state need
not be preserved across power level changes.
Get Parameter Command Format:
Set Parameter Command Format:
Response Format
Bits [31:0] are sticky and will not be reset by a Link Reset or a Codec Reset:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = F1Ch
Parameter ID = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = 71Ch
Verb ID = 71Dh
Verb ID = 71Eh
Verb ID = 71Fh
Parameter ID = xxh[7:0]
Parameter ID = xxh[15:8]
Parameter ID = xxh[23:16]
Parameter ID = xxh[31:24]
Bits
Type
Default
Description
31:30
Read/Write
00b
Port Connectivity (PCON):
The external con-
nectivity of this Pin Widget is a jack.
29:24
Read/Write
000001b
Location (LOC):
This field indicates the physical
location of the jack or device to which the pin
complex is connected. Set to External Rear
Panel.
23:20
Read/Write
0h
Default Device (DD):
Indicates the intended use
of the jack is for Line Outs.
19:16
Read/Write
1h
Connection Type (CTYP):
Indicates the type of
physical connection is an 1/8” jack.
15:12
Read/Write
4h
Color (COL):
This field indicates the color of the
physical jack for use by software. The color
selected is green.
11:8
Read/Write
0h
Miscellaneous (MISC):
No PDC override.
7:4
Read/Write
Fh
Default Association (DA):
This field is used by
software to group Pin Complex (and therefore
jacks) together into functional blocks to support
multichannel operation. All jacks with the same
association number may be assumed to be
grouped together. A value of all ‘0’s is reserved.
A value of all ‘1’s in this field indicates that the
Association has the lowest priority.
3:0
Read/Write
0h
Sequence (SEQ):
This field indicates the order
of the jacks in the association group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com