Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 31Page - Cirrus Logic CDB4207 Datasheet HTML 32Page - Cirrus Logic CDB4207 Datasheet HTML 33Page - Cirrus Logic CDB4207 Datasheet HTML 34Page - Cirrus Logic CDB4207 Datasheet HTML 35Page - Cirrus Logic CDB4207 Datasheet HTML 36Page - Cirrus Logic CDB4207 Datasheet HTML 37Page - Cirrus Logic CDB4207 Datasheet HTML 38Page - Cirrus Logic CDB4207 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
DS880F1
35
CS4207
6.2
Root Node
6.2.1
Vendor and Device ID
Get Parameter Command Format:
Response Format:
6.2.2
Revision ID
Get Parameter Command Format:
Response Format:
6.2.3
Subordinate Node Count
Get Parameter Command Format:
Response Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 00h
Verb ID = F00h
Parameter ID = 00h
Bits
Type
Default
Description
31:16
Read Only
1013h
Vendor ID(VID): Cirrus Logic PCI vendor ID
15:0
Read Only
4207h
Device ID
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 00h
Verb ID = F00h
Parameter ID = 02h
Bits
Type
Default
Description
31:24
Read Only
00h
Reserved
23:20
Read Only
1h
Major Revision (MAJREV) of the HDA Spec
19:16
Read Only
0h
Minor Revision (MINREV) of the HDA Spec
15:8
Read Only
03h
CS4207 Revision ID (REVID) - This indicates the
letter rev used for all-layer changes.
01h - rev. A
02h - rev. B
03h - rev. C
7:0
Read Only
01h
CS4207 Stepping ID (SID) - This indicates the
number rev used for metal layer changes.
00h - rev. A0 or rev. B0 or rev. C0
01h - rev. A1 or rev. C1
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 00h
Verb ID = F00h
Parameter ID = 04h
Bits
Type
Default
Description
31:24
Read Only
00h
Reserved
23:16
Read Only
01h
Starting Node Number (SNN)
15:8
Read Only
00h
Reserved
7:0
Read Only
01h
Total Number of Nodes (TNN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com