Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 12Page - Cirrus Logic CDB4207 Datasheet HTML 13Page - Cirrus Logic CDB4207 Datasheet HTML 14Page - Cirrus Logic CDB4207 Datasheet HTML 15Page - Cirrus Logic CDB4207 Datasheet HTML 16Page - Cirrus Logic CDB4207 Datasheet HTML 17Page - Cirrus Logic CDB4207 Datasheet HTML 18Page - Cirrus Logic CDB4207 Datasheet HTML 19Page - Cirrus Logic CDB4207 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
16
DS880F1
CS4207
ADC DIGITAL FILTER CHARACTERISTICS
8.
Response is clock-dependent and will scale with Fs.
DIGITAL MICROPHONE CHARACTERISTICS
Parameter (Note 8)
Min
Typ
Max
Unit
Passband (Frequency Response)
to -0.1 dB corner
0
-
.4535
Fs
Passband Ripple
-0.09
-
0.17
dB
Stopband
0.6
-
-
Fs
Stopband Attenuation
70
-
-
dB
Total Group Delay
-
7.6/Fs
-
s
High-Pass Filter Characteristics
(48 kHz Fs)
Frequency Response
-3.0 dB
-0.13 dB
-
-
3.6
24.2
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
-
10
-
Deg
Passband Ripple
-
-
0.17
dB
Filter Settling Time
-
105/Fs
0
s
Parameter
Min
Typ
Max
Unit
DMIC_SCL Period
FsADC >= 44.1 kHz
-
8 • TBITCLK
s
DMIC_SCL Period
FsADC <= 32.0 kHz
-
12 • TBITCLK
-s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com