Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 29Page - Cirrus Logic CDB4207 Datasheet HTML 30Page - Cirrus Logic CDB4207 Datasheet HTML 31Page - Cirrus Logic CDB4207 Datasheet HTML 32Page - Cirrus Logic CDB4207 Datasheet HTML 33Page - Cirrus Logic CDB4207 Datasheet HTML 34Page - Cirrus Logic CDB4207 Datasheet HTML 35Page - Cirrus Logic CDB4207 Datasheet HTML 36Page - Cirrus Logic CDB4207 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
DS880F1
33
CS4207
6.1.1
Node ID Summary
Node ID
Description
Reference Section
00h
Root Node
Section 6.2 on page 35
01h
Audio Function Group
Section 6.3 on page 36
02h
DAC1 Output Converter Widget
Section 6.4 on page 44
03h
DAC2 Output Converter Widget
Section 6.4 on page 44
04h
DAC3 Output Converter Widget
Section 6.4 on page 44
05h
ADC1 Input Converter Widget
Section 6.5 on page 52
06h
ADC2 Input Converter Widget
Section 6.5 on page 52
07h
S/PDIF Receiver Input Converter Widget
Section 6.6 on page 62
08h
S/PDIF Transmitter 1 Output Converter Widget
Section 6.7 on page 69
09h
Headphone Pin Widget
Section 6.8 on page 77
0Ah
Line Out 1 Pin Widget
Section 6.9 on page 84
0Bh
Line Out 2 Pin Widget
Section 6.10 on page 91
0Ch
Line In 1/Mic In 2 Pin Widget
Section 6.11 on page 96
0Dh
Mic In 1/Line In 2 Pin Widget
Section 6.11 on page 96
0Eh
Digital Mic 1 In Pin Widget
Section 6.12 on page 107
0Fh
S/PDIF Receiver Input Pin Widget
Section 6.13 on page 113
10h
S/PDIF Transmitter 1 Output Pin Widget
Section 6.14 on page 119
11h
Processing Widget
Section 6.15 on page 125
12h
Digital Mic 2 In Pin Widget
Section 6.12 on page 107
13h
Beep Generator Widget
Section 6.16 on page 135
14h
S/PDIF Transmitter 2 Output Converter Widget
Section 6.7 on page 69
15h
S/PDIF Transmitter 2 Output Pin Widget
Section 6.14 on page 119
Table 2. Device Node ID Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com