Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 26 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 26 Page - Micronas

Back Button HAL856 Datasheet HTML 22Page - Micronas HAL856 Datasheet HTML 23Page - Micronas HAL856 Datasheet HTML 24Page - Micronas HAL856 Datasheet HTML 25Page - Micronas HAL856 Datasheet HTML 26Page - Micronas HAL856 Datasheet HTML 27Page - Micronas HAL856 Datasheet HTML 28Page - Micronas HAL856 Datasheet HTML 29Page - Micronas HAL856 Datasheet HTML 30Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
HAL856
DATA SHEET
26
March 23, 2010; DSH000142_002EN
Micronas
3.6.1. Specification of Biphase-M Output
In case of output format Biphase-M, a continuous data
stream is provided. It consists of:
– 1 SYNC bit defining the bit time tp0,
– 14 data bits (DAT)
– 1 parity bit (DP)
– a gap (signal quiescent) of 8 x tp0
The complete signal period is T = 24 x tp0.
The signal quiescent level and the polarity of the
SYNC bit is shown in Fig. 3–9.
Definition of Biphase-M Pulses
A logical “0” is coded as no output level change within
the bit time. A logical “1” is coded as an output level
change between 50% and 80% of the bit time. After
each bit, an output level change occurs.
Data Bits (DAT)
The 12 MSB of the 14 data bits (DAT) contain the digi-
tal output reading.
Data Parity Bit (DP)
This parity bit is “1” if the number of zeros within the 14
data bits is even. The parity bit is “0” if the number of
zeros is odd.
Note: If the part number output is activated, the part
number will be
transmitted
2 times
after
power-up (see Fig. 4–5 on page 33). The first
Biphase-M protocol, respectively, the first PWM
period after power-up, is not valid.
Fig. 3–9: Output format Biphase-M: continuous data stream
Type
SYNC Bit Polarity
HAL856
positive
DAT
DP
SYNC BIT
8 x tp0
HAL856:
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com