Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 12 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 12 Page - Micronas

Back Button HAL856 Datasheet HTML 8Page - Micronas HAL856 Datasheet HTML 9Page - Micronas HAL856 Datasheet HTML 10Page - Micronas HAL856 Datasheet HTML 11Page - Micronas HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas HAL856 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
HAL856
DATA SHEET
12
March 23, 2010; DSH000142_002EN
Micronas
Output Characteristic
The OUTPUT CHARACTERISTIC register defines the
shape of the sensor output signal. It consists of
32 setpoints. Each setpoint can be set to values
between 0 and 511 LSB. The output characteristic has
to be monotonic increasing (Setpoint0
≤ Setpoint1
≤ SetpointN).
LOCKR
By setting this 1-bit register, all registers will be locked,
and the sensor will no longer respond to any supply
voltage modulation. This bit is active after the first
power-off and power-on sequence after setting the
LOCK bit.
Warning: This register cannot be reset!
Digital Output
This 12-bit register delivers the actual digital value of
the applied magnetic field after the signal processing.
This register can only be read out, and it is the basis
for the calibration procedure of the sensor in the sys-
tem environment.
Offset Correction
The OFFSET CORRECTION register allows to adjust
the digital offset of the built-in A/D-converter. The digi-
tal offset can be programmed to
−3/4, −1/2, −1/4, 0,
+1/4, +1/2, +3/4 of full-scale.
Note: Using the Offset Correction will change the
Micronas trimming of the LSB adjusted offset.
Slew Rate
The SLEW RATE register is a “sub”-register of the
CURRENTSOURCE register. The output signal fall
and rise time of the HAL856 depends on the SLEW
RATE register setting and the external load circuit.
Note: The slew rate can be programmed to optimize
the EMI behavior of the application. The differ-
ential current change has a Gaussian shape for
low emission.
Please contact Micronas Application Support in
case further slew rates are required.
Fig. 2–5: Typical IDD vs. slew rate for setting “slowest
slew rate”
Table 2–6: OFFSET CORRECTION register definition
Offset Correction
Bit Setting
−3/4
28
−1/2
29
−1/4
30
00
1/4
17
1/2
18
3/4
19
Table 2–7: SLEW RATE register definition
Typ. Values (Sensor Only)
Bit Setting
Rise time
[µs/mA]
Fall time
[µs/mA]
0.05
0.1
0
0.3
0.6
1
0.5
1.1
2
0.8
1.6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com