Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 14 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 14 Page - Micronas

Back Button HAL856 Datasheet HTML 10Page - Micronas HAL856 Datasheet HTML 11Page - Micronas HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas HAL856 Datasheet HTML 16Page - Micronas HAL856 Datasheet HTML 17Page - Micronas HAL856 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
HAL856
DATA SHEET
14
March 23, 2010; DSH000142_002EN
Micronas
Step 2: Initialize DSP
As the DIGITAL OUTPUT register value depends on
the settings of SLOPE, SHIFT and the OUTPUT
CHARACTERISTIC, these registers have to be initial-
ized with defined values, first:
–ShiftINITIAL = 50%
– OUTPUT CHARACTERISTIC = ’Linear Standard’
(Setpoint 0 = 0, Setpoint 1 = 16, Setpoint 2 = 32, ...,
Setpoint 31 = 496).
– SlopeINITIAL depends on the setting of the digital
low-pass filter (see Table 2–9).
Step 3: Define Calibration Points
For highest accuracy of the sensor, calibration points
near the minimum and maximum input signal are rec-
ommended.
Define nominal values DOUT1NOM and DOUT2NOM of
the DIGITAL OUTPUT register at the calibration points
1 and 2, respectively.
Note: Micronas software PC856 uses default settings
DOUT1NOM = 0 and DOUT2NOM = 3968.
The output is clamped to Setpoint 0 and
Setpoint 31. In the case of “Linear Standard’”,
Setpoint 0
corresponds
to
DIGITAL
OUTPUT = 0, while Setpoint 31 corresponds to
DIGITAL OUTPUT = 3968.
Step 4: Calculation of Shift and Slope
Set the system to calibration point 1 and read the
register DIGITAL OUTPUT. The result is the value
DOUT1.
Now, set the system to calibration point 2, read the
register DIGITAL OUTPUT, and get the value DOUT2.
With these values, the settings for Sensitivity and Shift
are calculated as:
Write the calculated values for Slope, Shift, and the
desired output characteristic into the EEPROM. The
sensor is now calibrated for the customer application.
As long as the LOCK bit is not set, the calibration pro-
cedure can be applied repeatedly.
Note: For a recalibration, the calibration procedure
has to be started at the beginning (step 1).
A new initialization is necessary, as the initial
values for SlopeINITIAL, ShiftINITIAL and output
characteristic are overwritten in step 4.
Step 5: Locking the Sensor
The last step is activating the LOCK function with the
“LOCK” command. Please note that the LOCK function
becomes effective after power-down and power-up of
the Hall IC. The sensor is now locked and does not
respond to any programming or reading commands.
Warning: This register cannot be reset!
Table 2–9: Initial slope values
−3 dB Frequency
SlopeINITIAL
80
0.2578
160
0.2578
500
0.1938
1000
0.1938
2000
0.3398
Slope
Slope
INITIAL
DOUT2
NOM
DOUT1
NOM
–
()
DOUT2
DOUT1
–
()
---------------------------------------------------------------------------
×
=
Shift
100%
4096
--------------
DOUT2
NOM
DOUT22048
–
() Slope
×
Slope
INITIAL
----------------------------------------------------------------
–
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com