Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 15 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 15 Page - Micronas

Back Button HAL856 Datasheet HTML 11Page - Micronas HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas HAL856 Datasheet HTML 16Page - Micronas HAL856 Datasheet HTML 17Page - Micronas HAL856 Datasheet HTML 18Page - Micronas HAL856 Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
DATA SHEET
HAL856
Micronas
March 23, 2010; DSH000142_002EN
15
2.3.2. Example: Calibration of an Angle Sensor
The following description explains the calibration pro-
cedure using an angle sensor with a HAL856 as an
example. The required output characteristic is shown
in Fig. 2–6.
– the angle range is from
−25° to 25°
– temperature coefficient of the magnet:
−500 ppm/K
Step 1: Input of the registers which need not be
adjusted individually
The register values for the following registers are given
for all applications:
–FILTER
Select the filter frequency: 500 Hz
–RANGE
Select the magnetic field range: 40 mT
–TC
For this magnetic material: 6
–TCSQ
For this magnetic material: 14
– OUTPUT FORMAT
Select the output format: PWM
–OUTPUT PERIOD
Select the output format: 8 ms
–PARTNUMBER
For this example: 1
– LOW CURRENT
For this example: 6 mA
– HIGH CURRENT
For this example: 14 mA
– OFFSET CORRECTION
For this example: none
–SLEW RATE
For this example: 0 (fastest)
Enter these values in the software, and use the “write
and store” command for permanently writing the val-
ues in the registers.
Step 2: Initialize DSP
–SHIFT
Select Shift: 50%
–SLOPE
Select Slope: 0.1938 (see Table 2–9 on page 14)
– OUTPUT CHARACTERISTIC
Select output characteristic: ’Linear Standard’
Step 3: Define Calibration Points
The Micronas software PC856 uses default settings
DOUT1NOM = 0 and DOUT2NOM = 3968.
DOUT1NOM corresponds to the angle position −25°,
DOUT2NOM to +25°.
%
Angle
HAL 856
-30
-20
-10
0
10
20
30 °
0
10
20
30
40
50
60
70
80
90
100
Sine
Linear
Output
Duty
Cycle
Sine
Linear
First Calibration Point
Second Calibration Point
Fig. 2–6: Example for output characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com