Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 16 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 16 Page - Micronas

Back Button HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas HAL856 Datasheet HTML 16Page - Micronas HAL856 Datasheet HTML 17Page - Micronas HAL856 Datasheet HTML 18Page - Micronas HAL856 Datasheet HTML 19Page - Micronas HAL856 Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
HAL856
DATA SHEET
16
March 23, 2010; DSH000142_002EN
Micronas
Step 4: Calculation of Shift and Slope
There are two ways to calculate the values for Shift
and Slope.
Manual Calculation:
1. Set the system to calibration point 1 (angle 1 = 25°)
2. read the register DIGITAL OUTPUT.
For our example, the result is
DIGITAL OUTPUT = DOUT1 = 3291.
3. Set the system to calibration point 2 (angle 2 =
−25°)
4. read the register DIGITAL OUTPUT again.
For our example, the result is
DIGITAL OUTPUT = DOUT2 = 985.
With these measurements and the pre-programming
of the sensor, the values for Slope and Shift are calcu-
lated as:
Write the calculated values for Slope and Shift and a
linear output characteristic ranging from 10% to 90%
output duty cycle into the EEPROM memory.
Software Calibration:
Use the menu CALIBRATE from the PC software and
enter the values for the registers which are not
adjusted individually. Set the system to calibration
point 1 (angle 1 = 25°), hit the button “Digital Output1”,
set the system to calibration point 2 (angle 2 =
−25°),
hit the button “Digital Output2”, and hit the button “Cal-
culate”. The software will then calculate the appropri-
ate Shift and Slope.
This calculation has to be done individually for each
sensor. Now, select an output characteristic from the
selection box “Output Characteristics” and then press
the button “write and store” for programming the sensor.
Step 5: Locking the Sensor
The last step is activating the LOCK function with the
“LOCK” command. Please note that the LOCK function
becomes effective after power-down and power-up of
the Hall IC. The sensor is now locked and does not
respond to any programming or reading commands.
Warning: This register cannot be reset!
Slope
3968
985
3291
–
()
-------------------------------
0,1938
0.3335
–
=
×
=
Shift
100%
4096
--------------
3968
985
2048
–
()
0.3335
–
()
×
0,1938
--------------------------------------------------------------
–
⎝⎠
⎛⎞
×
52,22%
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com