Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 3 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 3 Page - Micronas

  HAL856 Datasheet HTML 1Page - Micronas HAL856 Datasheet HTML 2Page - Micronas HAL856 Datasheet HTML 3Page - Micronas HAL856 Datasheet HTML 4Page - Micronas HAL856 Datasheet HTML 5Page - Micronas HAL856 Datasheet HTML 6Page - Micronas HAL856 Datasheet HTML 7Page - Micronas HAL856 Datasheet HTML 8Page - Micronas HAL856 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Contents
Page
Section
Title
Micronas
March 23, 2010; DSH000142_002EN
3
DATA SHEET
HAL856
5
1.
Introduction
5
1.1.
Major Applications
5
1.2.
Features
6
1.3.
Marking Code
6
1.4.
Operating Junction Temperature Range (TJ)
6
1.5.
Hall Sensor Package Codes
6
1.6.
Solderability and Welding
6
1.7.
Pin Connections and Short Descriptions
7
2.
Functional Description
7
2.1.
General Function
9
2.2.
Digital Signal Processing and EEPROM
13
2.3.
Calibration Procedure
13
2.3.1.
General Procedure
15
2.3.2.
Example: Calibration of an Angle Sensor
17
3.
Specifications
17
3.1.
Outline Dimensions
21
3.2.
Dimensions of Sensitive Area
21
3.3.
Position of Sensitive Areas
21
3.4.
Absolute Maximum Ratings
22
3.4.1.
Storage and Shelf Life
22
3.5.
Recommended Operating Conditions
22
3.5.1.
Power Diagram
24
3.6.
Characteristics
26
3.6.1.
Specification of Biphase-M Output
27
3.7.
Magnetic Characteristics
28
3.8.
Diagnosis Functions
28
3.9.
Typical Characteristics
29
4.
Application Notes
29
4.1.
Measurement of a PWM Output Signal
29
4.2.
Measurement of a Biphase-M Output Signal
30
4.3.
Temperature Compensation
31
4.4.
Ambient Temperature
32
4.5.
EMC and ESD
32
4.6.
Start-Up Behavior
32
4.6.1.
First Operation (Power-Up)
33
4.6.2.
Operation after Reset in Biphase-M Mode with Provide Part Number Option Enabled
34
4.6.3.
Power-Down Operation
34
4.6.4.
Power Drop Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com