Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 24 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 24 Page - Micronas

Back Button HAL856 Datasheet HTML 20Page - Micronas HAL856 Datasheet HTML 21Page - Micronas HAL856 Datasheet HTML 22Page - Micronas HAL856 Datasheet HTML 23Page - Micronas HAL856 Datasheet HTML 24Page - Micronas HAL856 Datasheet HTML 25Page - Micronas HAL856 Datasheet HTML 26Page - Micronas HAL856 Datasheet HTML 27Page - Micronas HAL856 Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
HAL856
DATA SHEET
24
March 23, 2010; DSH000142_002EN
Micronas
3.6. Characteristics
at TJ = −40 °C to +170 °C, VDD = 4.5 V to 14 V, after programming and locking of the device,
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
For all other temperature ranges this table is also valid, but only in the junction temperature range defined by the
temperature range (Example: For K-Type this table is limited to TJ = −40 °C to +140 °C).
All voltages listed are referenced to ground (GND).
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD,Low
Low Level Sink Current1)
1
4.5
5.5
6
7
8
9
mA
mA
programmable parameter
LOW CURRENT = 12
LOW CURRENT = 4
IDD,High
High Level Sink Current1)
1
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
15.0
15.5
16.0
16.5
17.0
17.5
mA
mA
mA
mA
mA
mA
programmable parameter
HIGH CURRENT = 5
HIGH CURRENT = 4
HIGH CURRENT = 3
HIGH CURRENT = 2
HIGH CURRENT = 1
HIGH CURRENT = 0
VDDZ
Overvoltage Protection at
Supply
1
−
22
−
V
Resolution
2,3
−−
12
bit
2)
INL
Integral Non-Linearity over
Temperature Range
2,3
−0.5
0
0.5
%
3)
fPWM
PWM Output Frequency over
Temperature Range
3
840
420
210
105
52
26
13
6.5
1000
500
250
125
62.5
31
15
7.5
1080
540
270
135
68
34
17
8.5
Hz
Hz
Hz
Hz
Hz
Hz
Hz
Hz
PWM period: 1ms; 9bit res.
PWM period: 2 ms; 10 bit res.
PWM period: 4 ms; 11 bit res.
PWM period: 8 ms; 12 bit res.
PWM period: 16 ms; 12 bit res.
PWM period: 32 ms; 12 bit res.
PWM period: 64 ms; 12 bit res.
PWM period: 128 ms;12 bit res.
tp0
Biphase-M Output Bittime
over Temperature Range
30.03
2
0.04
3.2
0.05
4
ms
ms
Biphase-M bit time: 40
μs
Biphase-M bit time: 3.2 ms
tp1
Biphase-M Output Timing for
Logical 1
3
506580
%
fADC
Internal ADC Frequency over
Temperature Range
−
110
128
150
kHz
VDD = 4.5 V to 14 V
1) Typical values describe the mean value of current consumption over temperature (see Fig. 3–8)
2) if the Hall IC is programmed suitably
3) if more than 50% of the selected magnetic field range are used and the Hall IC is programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com