Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 10 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 10 Page - Micronas

Back Button HAL856 Datasheet HTML 6Page - Micronas HAL856 Datasheet HTML 7Page - Micronas HAL856 Datasheet HTML 8Page - Micronas HAL856 Datasheet HTML 9Page - Micronas HAL856 Datasheet HTML 10Page - Micronas HAL856 Datasheet HTML 11Page - Micronas HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
HAL856
DATA SHEET
10
March 23, 2010; DSH000142_002EN
Micronas
Mode
The MODE register consists of four “sub”-registers
defining the magnetic and output behavior of the sen-
sor. The RANGE bits are the three lowest bits of the
MODE register; they define the magnetic field range of
the A/D converter. The next three bits (FILTER) define
the
−3 dB frequency of the digital low pass filter. The
next sub-register is the FORMAT register, and it
defines the different output formats as described
below. This sub-register also consists of 3 bits. The
last three MSBs define the OUTPUT PERIOD of the
PWM signal.
Range
Filter
Output Format
The HAL856 provides two different output formats: a
PWM and Biphase-M output.
PMW output is a pulse width modulated output. The
signal is defined by the ratio of pulse width to pulse
period.
The Biphase-M output is a serial protocol. A logical “0”
is coded as no output level change within the bit time.
A logical “1” is coded as an output level change
between 50% and 80% of the bit time. After each bit,
an output level change occurs (see Section 3.6.1. on
page 26).
Table 2–1: RANGE register definition
Magnetic Field Range
Bit Setting
−30 mT...30 mT
0
−40 mT...40 mT
4
−60 mT...60 mT
5
−75 mT...75 mT
1
−80 mT...80 mT
6
−90 mT...90 mT
2
−100 mT...100 mT
7
−150 mT...150 mT
3
Table 2–2: FILTER register definition
−3 dB Frequency
Bit Setting
80 Hz
0
160 Hz
1
500 Hz
2
1kHz
3
2kHz
4
Table 2–3: OUTPUT FORMAT register definition
Output Format
Bit Setting
PWM
2
Biphase-M
41)
Biphase-M (test)
52)
1) In case of OUTPUT FORMAT = 4 the continuous
Biphase-M output will be active after locking the
device. In order to test the Biphase-M output with
non-locked sensors OUTPUT FORMAT = 5 has
to be used.
2) writing OUTPUT FORMAT = 5 will activate the
Biphase-M output for test purpose. The test can
be deactivated by switching the device off. It is
not possible to communicate with the sensor after
activation of test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com