Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 36 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 36 Page - Micronas

Back Button HAL856 Datasheet HTML 32Page - Micronas HAL856 Datasheet HTML 33Page - Micronas HAL856 Datasheet HTML 34Page - Micronas HAL856 Datasheet HTML 35Page - Micronas HAL856 Datasheet HTML 36Page - Micronas HAL856 Datasheet HTML 37Page - Micronas HAL856 Datasheet HTML 38Page - Micronas HAL856 Datasheet HTML 39Page - Micronas HAL856 Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
HAL856
DATA SHEET
36
March 23, 2010; DSH000142_002EN
Micronas
Fig. 5–2: Telegram for coding a Write command
Fig. 5–3: Telegram for coding a Read command
Table 5–1: Telegram parameters (All voltages are referenced to GND.)
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
VDDL
Supply Voltage for Low Level
during Programming
15
5.5
6
V
VDDH
Supply Voltage for High Level
during Programming
1
6.8
8.0
8.5
V
tr
Rise Time
1
−−
0.05
ms
tf
Fall Time
1
−−
0.05
ms
tp0
Bit Time on VDD
1
1.7
1.75
1.8
ms
tp0 is defined through the Sync Bit
tpOUT
Bit Time on Output Pin
3
2
3
4
ms
tpOUT is defined through the
Acknowledge Bit
tp1
Voltage Change for Logical 1
1, 3
50
65
80
%
% of tp0 or tpOUT
tPROG
Programming Time for EEPROM
1
95
100
105
ms
VDD,PROG
Supply Voltage during
Programming
1
4.9
5
5.1
V
trp
Rise Time of Charging Pulse
1
0.2
0.5
1
ms
tfp
Fall Time of Charging Pulse
1
0
−
1ms
tw
Delay Time of Charging Pulse
after Acknowledge
10.5
0.7
1
ms
Sync
COM
CP
ADR
AP
DAT
DP
VDD
WRITE
IDD
Sync
COM
CP
ADR
AP
DAT
DP
Acknowledge
VDD
READ
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com