Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 10Page - Cirrus Logic CS8415A Datasheet HTML 11Page - Cirrus Logic CS8415A Datasheet HTML 12Page - Cirrus Logic CS8415A Datasheet HTML 13Page - Cirrus Logic CS8415A Datasheet HTML 14Page - Cirrus Logic CS8415A Datasheet HTML 15Page - Cirrus Logic CS8415A Datasheet HTML 16Page - Cirrus Logic CS8415A Datasheet HTML 17Page - Cirrus Logic CS8415A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
14
DS470F4
CS8415A
when repeated or dropped samples occur. The CS8415A allows immediate mute of the serial audio output port
audio data by the MUTESAO bit of Control Register 1.
OLRCK
OSCLK
SDOUT
Channel A
Channel B
Left
Justified
(Out)
OLRCK
OSCLK
Channel A
SDOUT
Channel B
I²S
(Out)
OLRCK
OSCLK
Channel A
Channel B
MSB
SDOUT
MSB
LSB
LSB
MSB Extended
MSB Extended
Right
Justified
(Out)
OLRCK
OSCLK
Channel A
Channel B
MSB
SDOUT
LSB
LSB
Channel A
Channel B
LSB
LSB
MSB
MSB
MSB
AES3
Direct
(Out)
MSB
MSB
MSB
LSB
LSB
MSB
LSB
MSB
LSB
MSB
C
U
V
Z
C
U
V
Z
C
U
V
C
U
V
Frame 191
Frame 0
Figure 6. Serial Audio Output Example Formats
X = don’t care to match format, but does need to be set to the desired setting
* See Serial Output Data Format Register Bit Descriptions for an explanation of the meaning of each bit
SOMS*
SOSF*
SORES[1:0]*
SOJUST*
SODEL*
SOSPOL* SOLRPOL*
Left Justified
X
X
XX
0
0
0
0
I²S
X
X
XX
0
1
0
1
Right Justified
1
X
XX
1
0
0
0
AES3 Direct
X
X
11
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com