Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 31Page - Cirrus Logic CS8415A Datasheet HTML 32Page - Cirrus Logic CS8415A Datasheet HTML 33Page - Cirrus Logic CS8415A Datasheet HTML 34Page - Cirrus Logic CS8415A Datasheet HTML 35Page - Cirrus Logic CS8415A Datasheet HTML 36Page - Cirrus Logic CS8415A Datasheet HTML 37Page - Cirrus Logic CS8415A Datasheet HTML 38Page - Cirrus Logic CS8415A Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DS470F4
35
CS8415A
12. APPLICATIONS
12.1
Reset, Power Down and Start-Up
When RST is low, the CS8415A enters a low-power mode and all internal states are reset, including the
control port and registers, and the outputs are muted. When RST is high, the control port becomes opera-
tional and the desired settings should be loaded into the control registers. Writing a 1 to the RUN bit will then
cause the part to leave the low-power state and begin operation. After the PLL has settled, the serial audio
outputs will be enabled.
Some options within the CS8415A are controlled by a start-up mechanism. During the reset state, some of
the output pins are reconfigured internally to be inputs. Immediately upon exiting the reset state, the level
of these pins is sensed. The pins are then switched to be outputs. This mechanism allows output pins to be
used to set alternative modes in the CS8415A by connecting a 47 k
Ω resistor to between the pin and either
VL+ (HI) or DGND (LO). For each mode, every start-up option select pin MUST have an external pull-up or
pull-down resistor. In software mode, the only start-up option pin is EMPH, which is used to set a chip ad-
dress bit for the control port in I²C mode. The hardware mode uses many start-up options, which are detailed
in the hardware definition section at the end of this data sheet.
12.2
ID Code and Revision Code
The CS8415A has a register that contains a 4-bit code to indicate that the addressed device is a CS8415A.
This is useful when other CS84xx family members are resident in the same system, allowing common soft-
ware modules.
The CS8415A 4-bit revision code is also available. This allows the software driver for the CS8415A to iden-
tify which revision of the device is in a particular system, and modify its behavior accordingly. To allow for
future revisions, it is strongly recommend that the revision code is read into a variable area within the mi-
crocontroller, and used wherever appropriate as revision details become known.
12.3
Power Supply, Grounding, and PCB Layout
For most applications, the CS8415A can be operated from a single +5.0 V supply, following normal supply
decoupling practices. See Figure 5. Note that the I²C protocol is supported only in VL+ = 5.0 V mode. For
applications where the recovered input clock, output on the RMCK pin, is required to be low-jitter, then use
a separate, quiet, analog +5.0 V supply for VA+, decoupled to AGND. In addition, a separate region of an-
alog ground plane around the FILT, AGND, VA+, RXP[0:6] and RXN0 pins is recommended.
Extensive use of power and ground planes, ground plane fill in unused areas and surface mount decoupling
capacitors are recommended. Decoupling capacitors should be mounted on the same side of the board as
the CS8415A to minimize inductance effects, and all decoupling capacitors should be as close to the
CS8415A as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com