Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 20Page - Cirrus Logic CS8415A Datasheet HTML 21Page - Cirrus Logic CS8415A Datasheet HTML 22Page - Cirrus Logic CS8415A Datasheet HTML 23Page - Cirrus Logic CS8415A Datasheet HTML 24Page - Cirrus Logic CS8415A Datasheet HTML 25Page - Cirrus Logic CS8415A Datasheet HTML 26Page - Cirrus Logic CS8415A Datasheet HTML 27Page - Cirrus Logic CS8415A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
24
DS470F4
CS8415A
8.6
Interrupt 2 Status (08h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once since
the register was last read. A ”0” means the associated interrupt condition has NOT occurred since the last
reading of the register. Reading the register resets all bits to 0, unless the interrupt mode is set to level and
the interrupt source is still true. Status bits that are masked off in the associated mask register will always
be “0” in this register. This register defaults to 00h.
DETU - D to E U-buffer transfer interrupt.
Indicates the completion of a D to E U-buffer transfer. See “Channel Status and User Data Buffer Manage-
ment” on page 38 for more information.
QCH - A new block of Q-subcode data is available for reading.
The data must be completely read within 588 AES3 frames after the interrupt occurs to avoid corruption of
the data by the next block.
8.7
Interrupt 1 Mask (09h)
The bits of this register serve as a mask for the Interrupt 1 register. If a mask bit is set to 1, the error is un-
masked, meaning that its occurrence will affect the INT pin and the status register. If a mask bit is set to 0,
the error is masked, meaning that its occurrence will not affect the INT pin or the status register. The bit
positions align with the corresponding bits in Interrupt 1 register. This register defaults to 00h.
8.8
Interrupt 1 Mode MSB (0Ah) and Interrupt 1 Mode LSB (0Bh)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Register 1 function. There are three
ways to set the INT pin active in accordance with the interrupt condition. In the Rising edge active mode,
the INT pin becomes active on the arrival of the interrupt condition. In the Falling edge active mode, the INT
pin becomes active on the removal of the interrupt condition. In Level active mode, the INT interrupt pin be-
comes active during the interrupt condition. Be aware that the active level (Actice High or Low) only depends
on the INT[1:0] bits. These registers default to 00.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
8.9
Interrupt 2 Mask (0Ch)
The bits of this register serve as a mask for the Interrupt 2 register. If a mask bit is set to 1, the error is un-
masked, meaning that its occurrence will affect the INT pin and the status register. If a mask bit is set to 0,
the error is masked, meaning that its occurrence will not affect the INT pin or the status register. The bit
positions align with the corresponding bits in Interrupt 2 register. This register defaults to 00h.
76
5
4
3
2
1
0
00
0
0
DETU
0
QCH
0
76
5
4
3
2
1
0
0
OSLIPM
0
0
0
DETCM
0
RERRM
76
5
4
3
2
1
0
0
OSLIP1
0
0
0
DETC1
0
RERR1
0
OSLIP0
0
0
0
DETC0
0
RERR0
7
6
5
4
321
0
00
0
0
DETUM
0
QCHM
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com