Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 38Page - Cirrus Logic CS8415A Datasheet HTML 39Page - Cirrus Logic CS8415A Datasheet HTML 40Page - Cirrus Logic CS8415A Datasheet HTML 41Page - Cirrus Logic CS8415A Datasheet HTML 42Page - Cirrus Logic CS8415A Datasheet HTML 43Page - Cirrus Logic CS8415A Datasheet HTML 44Page - Cirrus Logic CS8415A Datasheet HTML 45Page - Cirrus Logic CS8415A Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
DS470F4
45
CS8415A
15.3.4
Jitter Attenuation
Shown in Figure 21, Figure 22, Figure 23, and Figure 24 are jitter attenuation plots for the various revi-
sions of the CS8415A when used with the appropriate external PLL component values (as noted in
Table 6). The AES3 and IEC60958-4 specifications do not have allowances for locking to sample rates
less than 32 kHz. These specifications state a maximum of 2 dB jitter gain or peaking.
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−25
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−25
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
Figure 21. Revision A
Figure 22. Revision A1
Figure 23. Revision A2 using A1 Values
Figure 24. Revision A2 using A2* Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com