Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 33Page - Cirrus Logic CS8415A Datasheet HTML 34Page - Cirrus Logic CS8415A Datasheet HTML 35Page - Cirrus Logic CS8415A Datasheet HTML 36Page - Cirrus Logic CS8415A Datasheet HTML 37Page - Cirrus Logic CS8415A Datasheet HTML 38Page - Cirrus Logic CS8415A Datasheet HTML 39Page - Cirrus Logic CS8415A Datasheet HTML 40Page - Cirrus Logic CS8415A Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
DS470F4
37
CS8415A
13.2
Isolating Transformer Requirements
Please refer to the application note AN134: AES and SPDIF Recommended Transformers for resources on
transformer selection.
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8415A
RXP0
RXN0
* See Text
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8415A
RXP0
RXN0
0.01 F
µ
0.01 F
µ
*See Text
Figure 11. Professional Input Circuit
Figure 12. Transformerless Professional Input Circuit
RCA Phono
RXP0
RXN0
CS8415A
Coax
75
Ω
75
Ω
0.01
µF
0.01
µF
RXP6
RXN0
RXP0
RXP5
75
Ω
.01
µF
.01
µF
.01
µF
.
..
.01
µF
75
Ω
Coax
75
Ω
75
Ω
75
Ω
Coax
75
Ω
Coax
Figure 13. Consumer Input Circuit
Figure 14. S/PDIF MUX Input Circuit
RXP0
RXN0
CS8415A
0.01
µF
0.01
µF
TTL/CMOS
Gate
Figure 15. TTL/CMOS Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com