Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 18Page - Cirrus Logic CS8415A Datasheet HTML 19Page - Cirrus Logic CS8415A Datasheet HTML 20Page - Cirrus Logic CS8415A Datasheet HTML 21Page - Cirrus Logic CS8415A Datasheet HTML 22Page - Cirrus Logic CS8415A Datasheet HTML 23Page - Cirrus Logic CS8415A Datasheet HTML 24Page - Cirrus Logic CS8415A Datasheet HTML 25Page - Cirrus Logic CS8415A Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
DS470F4
CS8415A
MUX2:0 - 7:1 S/PDIF Input Multiplexer Select Line Control
Default = ‘000’
000 - RXP0
001 - RXP1
010 - RXP2
011 - RXP3
100 - RXP4
101 - RXP5
110 - RXP6
111 - Reserved
8.3
Clock Source Control (04h)
This register configures the clock sources of various blocks. In conjunction with the Data Flow Control reg-
ister, various Receiver/Transmitter/Transceiver modes may be selected.
RUN - Controls the internal clocks, allowing the CS8415A to be placed in a “powered down”, low current
consumption, state.
Default = ‘0’
0 - Internal clocks are stopped. Internal state machines are reset. The fully static control port is operational,
allowing registers to be read or changed. Reading and writing the U and C data buffers is not possible. Pow-
er consumption is low.
1 - Normal part operation. This bit must be written to the 1 state to allow the CS8415A to begin operation.
All input clocks should be stable in frequency and phase when RUN is set to 1.
8.4
Serial Audio Output Port Data Format (06h)
SOMS - Master/Slave Mode Selector
Default = ‘0’
0 - Serial audio output port is in slave mode
1 - Serial audio output port is in master mode
SOSF - OSCLK frequency (for master mode)
Default = ‘0’
0 - 64*Fs
1 - 128*Fs
SORES1:0 - Resolution of the output data on SDOUT
Default = ‘00’
00 - 24-bit resolution
01 - 20-bit resolution
10 - 16-bit resolution
11 - Direct copy of the received NRZ data from the AES3 receiver (including C, U, and V bits, the time slot
7
6
5
4
321
0
0
RUN
0
0
0
000
7
6
5
4
321
0
SOMS
SOSF
SORES1
SORES0
SOJUST
SODEL
SOSPOL
SOLRPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com