Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 24Page - Cirrus Logic CS8415A Datasheet HTML 25Page - Cirrus Logic CS8415A Datasheet HTML 26Page - Cirrus Logic CS8415A Datasheet HTML 27Page - Cirrus Logic CS8415A Datasheet HTML 28Page - Cirrus Logic CS8415A Datasheet HTML 29Page - Cirrus Logic CS8415A Datasheet HTML 30Page - Cirrus Logic CS8415A Datasheet HTML 31Page - Cirrus Logic CS8415A Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
28
DS470F4
CS8415A
8.15
User Data Buffer Control (13h)
DETUI - D to E U-data buffer transfer inhibit bit.
Default = ‘0’
0 - Allow U-data D to E buffer transfers
1 - Inhibit U-data D to E buffer transfers
8.16
Q-Channel Subcode Bytes 0 to 9 (14h - 1Dh) (Read Only)
The following 10 registers contain the decoded Q-channel subcode data
Each byte is LSB first with respect to the 80 Q-subcode bits Q[79:0]. Thus bit 7 of address 14h is Q[0] while
bit 0 of address 0Eh is Q[7]. Similarly bit 0 of address 1Dh corresponds to Q[79].
8.17
OMCK/RMCK Ratio (1Eh) (Read Only)
This register allows the calculation of the incoming sample rate by the host microcontroller from the equation
ORR=Fso/Fsi. The Fso is determined by OMCK, whose frequency is assumed to be 256 Fso. ORR is rep-
resented as an unsigned 2-bit integer and a 6-bit fractional part. The value is meaningful only after the PLL
has reached lock. For example, if the OMCK is 12.288 MHz, Fso would be 48 kHz (48 kHz =
12.288 MHz/256). Then if the input sample rate is also 48 kHz, you would get 1.0 from the ORR regis-
ter.(The value from the ORR register is hexadecimal, so the actual value you will get is 40h). If FSO/FSI > 3
63/
64, ORR will saturate at the value FFh. Also, there is no hysteresis on ORR. Therefore a small amount of
jitter on either clock can cause the LSB ORR[0] to oscillate.
ORR7:6 - Integer part of the ratio (Integer value=Integer(SRR[7:6]))
ORR5:0 - Fractional part of the ratio (Fraction value=Integer(SRR[5:0])/64)
8.18
C-bit or U-bit Data Buffer (20h - 37h)
Either channel status data buffer E or user data buffer E is accessible through these register addresses.
76
5
4
3
2
1
0
00
0
0
0
0
DETUI
0
76
5
4
3
2
1
0
CONTROL
CONTROL
CONTROL
CONTROL
ADDRESS
ADDRESS
ADDRESS
ADDRESS
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ABS MINUTE
ABS MINUTE
ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE
ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
76
5
4
3
2
1
0
ORR7
ORR6
ORR5
ORR4
ORR3
ORR2
ORR1
ORR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com