Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 27Page - Cirrus Logic CS8415A Datasheet HTML 28Page - Cirrus Logic CS8415A Datasheet HTML 29Page - Cirrus Logic CS8415A Datasheet HTML 30Page - Cirrus Logic CS8415A Datasheet HTML 31Page - Cirrus Logic CS8415A Datasheet HTML 32Page - Cirrus Logic CS8415A Datasheet HTML 33Page - Cirrus Logic CS8415A Datasheet HTML 34Page - Cirrus Logic CS8415A Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DS470F4
31
CS8415A
AGND
7
Analog Ground (Input) - Ground for the analog circuitry in the chip. AGND and DGND should be con-
nected to a common ground area under the chip.
FILT
8
PLL Loop Filter (Output) - An RC network should be connected between this pin and ground. See
“Appendix C: PLL Filter” on page 41 for recommended schematic and component values.
RST
9
Reset (Input) - When RST is low, the CS8415A enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks are
stable in frequency and phase. This is particularly true in hardware mode with multiple CS8415A
devices where synchronization between devices is important
RMCK
10
Input Section Recovered Master Clock (Output) - Input section recovered master clock output when
PLL is used. Frequency defaults to 256x the sample rate (Fs) and may be set to 128x.
RERR
11
Receiver Error (Output) - When high, indicates a problem with the operation of the AES3 receiver. The
status of this pin is updated once per sub-frame of incoming AES3 data. Conditions that can cause
RERR to go high are: validity, parity error, bi-phase coding error, confidence, QCRC and CCRC errors,
as well as loss of lock in the PLL. Each condition may be optionally masked from affecting the RERR pin
using the Receiver Error Mask Register. The RERR pin tracks the status of the unmasked errors: the pin
goes high as soon as an unmasked error occurs and goes low immediately when all unmasked errors
go away.
OSCLK
16 Serial Audio Output Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT pin
OLRCK
17
Serial Audio Output Left/Right Clock (Input/Output) - Word rate clock for the audio data on the
SDOUT pin. Frequency will be the output sample rate (Fs)
SDOUT
18 Serial Audio Output Data (Output) - Audio data serial output pin
INT
19
Interrupt (Output) - Indicates errors and key events during the operation of the CS8415A. All bits affect-
ing INT may be unmasked through bits in the control registers. The condition(s) that initiated interrupt
are readable through a control register. The polarity of the INT output, as well as selection of a standard
or open drain output, is set through a control register. Once set true, the INT pin goes false only after the
interrupt status registers have been read and the interrupt status bits have returned to zero
U
20 User Data (Output) - Outputs User data from the AES3 receiver, see Figure 7 for timing information
OMCK
21
System Clock (Input) - When the OMCK System Clock Mode is enabled using the SWCLK bit in the
Control 1 register, the clock signal input on this pin is output through RMCK. OMCK serves as reference
signal for OMCK/RMCK ratio expressed in register 1Eh
DGND
22
Digital Ground (Input) - Ground for the digital circuitry in the chip. DGND and AGND should be con-
nected to a common ground area under the chip.
VL+
23 Positive Digital Power (Input) - Positive supply for the digital section. Typically +3.3 V or +5.0 V.
H/S
24
Hardware/Software Mode Control (Input) - Determines the method of controlling the operation of the
CS8415A, and the method of accessing CS and U data. In software mode, device control and CS and U
data access is primarily through the control port, using a microcontroller. Hardware mode provides an
alternate mode of operation and access to the CS and U data through dedicated pins. This pin should
be permanently tied to VL+ or DGND
AD1/CDIN
27
Address Bit 1 (I²C) / Serial Control Data in (SPI) (Input) - In I²C mode, AD1 is a chip address pin. In
SPI mode, CDIN is the input data line for the control port interface
SCL/CCLK
28
Control Port Clock (Input) - Serial control interface clock and is used to clock control data bits into and
out of the CS8415A. In I²C mode, SCL requires an external pull-up resistor to VL+
Pin Name
#
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com