Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 29Page - Cirrus Logic CS8415A Datasheet HTML 30Page - Cirrus Logic CS8415A Datasheet HTML 31Page - Cirrus Logic CS8415A Datasheet HTML 32Page - Cirrus Logic CS8415A Datasheet HTML 33Page - Cirrus Logic CS8415A Datasheet HTML 34Page - Cirrus Logic CS8415A Datasheet HTML 35Page - Cirrus Logic CS8415A Datasheet HTML 36Page - Cirrus Logic CS8415A Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DS470F4
33
CS8415A
11.PIN DESCRIPTION - HARDWARE MODE
Pin Name
# Pin Description
COPY
1
COPY Channel Status Bit (Output) - Reflects the state of the Copyright Channel Status bit in the incoming
AES3 data stream. If the category code is set to General, copyright will be indicated whatever the state of
the Copyright bit.
VL2+
VL+
VL3+
2
23
27
Positive Digital Power (Input) - Typically +3.3 V or +5.0 V.
EMPH
3
Pre-Emphasis (Output) - EMPH is low when the incoming Channel Status data indicates 50/15 ms pre-
emphasis.
EMPH is high when the Channel Status data indicates no pre-emphasis or indicates pre-empha-
sis other than 50/15 ms. This pin is also a start-up option which, along with ORIG, determines the serial port
format. A 47 k
Ω resistor to either VL+ or DGND is required.
RXP0
RXN0
4
5
AES3/SPDIF Receiver Port (Input) - Differential line receiver inputs for the AES3 biphase encoded data.
See Appendix A for recommended circuits.
VA+
6
Positive Analog Power (Input) - Nominally +5.0 V. This supply should be as quiet as possible since noise
on this pin will directly affect the jitter performance of the recovered clock.
AGND
7
Analog Ground (Input) - Ground for the analog circuitry in the chip. AGND and DGND should be connected
to a common ground area under the chip.
FILT
8
PLL Loop Filter (Output) - An RC network should be connected between this pin and ground. See
“Appen-
dix C: PLL Filter” on page 41 for recommended schematic and component values.
RST
9
Reset (Input) - When RST is low, the CS8415A enters a low power mode and all internal states are reset.
On initial power up, RST must be held low until the power supply is stable, and all input clocks are stable in
frequency and phase. This is particularly true in hardware mode with multiple CS8415A devices where syn-
chronization between devices is important.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com