Electronic Components Datasheet Search
  English  ▼

X  

LPC2290 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2290 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 14Page - NXP Semiconductors LPC2290 Datasheet HTML 15Page - NXP Semiconductors LPC2290 Datasheet HTML 16Page - NXP Semiconductors LPC2290 Datasheet HTML 17Page - NXP Semiconductors LPC2290 Datasheet HTML 18Page - NXP Semiconductors LPC2290 Datasheet HTML 19Page - NXP Semiconductors LPC2290 Datasheet HTML 20Page - NXP Semiconductors LPC2290 Datasheet HTML 21Page - NXP Semiconductors LPC2290 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
18 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
• All I/O default to inputs after reset.
6.7.2 Fast I/O features available in LPC2290/01 only
• Fast I/O registers are located on the ARM local bus for the fastest possible I/O timing.
• All GPIO registers are byte addressable.
• Entire port value can be written in one instruction.
• Mask registers allow single instruction to set or clear any number of bits in one port.
6.8 10-bit ADC
The LPC2290 each contain a single 10-bit successive approximation ADC with eight
multiplexed channels.
6.8.1 Features
• Measurement range of 0 V to 3.3 V.
• Capable of performing more than 400000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
6.8.2 ADC features available in LPC2290/01 only
• Every analog input has a dedicated result register to reduce interrupt overhead.
• Every analog input can generate an interrupt once the conversion is completed.
6.9 CAN controllers and acceptance filter
The LPC2290 contains two CAN controllers. The CAN is a serial communications protocol
which efficiently supports distributed real-time control with a very high level of security. Its
domain of application ranges from high-speed networks to low cost multiplex wiring.
6.9.1 Features
• Data rates up to 1 Mbit/s on each bus.
• 32-bit register and RAM access.
• Compatible with CAN specification 2.0B, ISO 11898-1.
• Global Acceptance Filter recognizes 11-bit and 29-bit RX identifiers for all CAN buses.
• Acceptance Filter can provide FullCAN-style automatic reception for selected
Standard identifiers.
• Full CAN messages can generate interrupts.
6.10 UARTs
The LPC2290 contains two UARTs. In addition to standard transmit and receive data
lines, UART1 also provides a full modem control handshake interface.
6.10.1 Features
• 16 B Receive and Transmit FIFOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com