Electronic Components Datasheet Search
  English  ▼

X  

LPC2290 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2290 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 9Page - NXP Semiconductors LPC2290 Datasheet HTML 10Page - NXP Semiconductors LPC2290 Datasheet HTML 11Page - NXP Semiconductors LPC2290 Datasheet HTML 12Page - NXP Semiconductors LPC2290 Datasheet HTML 13Page - NXP Semiconductors LPC2290 Datasheet HTML 14Page - NXP Semiconductors LPC2290 Datasheet HTML 15Page - NXP Semiconductors LPC2290 Datasheet HTML 16Page - NXP Semiconductors LPC2290 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
13 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
[2]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control. If configured for an input
function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns.
[3]
Open-drain 5 V tolerant digital I/O I2C-bus 400 kHz specification compatible pad. It requires external pull-up to provide an output
functionality.
[4]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog input function. If configured
for a digital input function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns. When configured as an ADC input,
digital section of the pad is disabled.
[5]
5 V tolerant pad with built-in pull-up resistor providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
The pull-up resistor’s value ranges from 60 k
Ω to 300 kΩ.
[6]
5 V tolerant pad providing digital input (with TTL levels and hysteresis) function only.
[7]
Pad provides special analog functionality.
VSSA(PLL)
138
I
PLL analog ground: 0 V reference. This should nominally be the same
voltage as VSS, but should be isolated to minimize noise and error.
VDD(1V8)
37, 110
I
1.8 V core power supply: This is the power supply voltage for internal
circuitry.
VDDA(1V8)
143
I
Analog 1.8 V core power supply: This is the power supply voltage for
internal circuitry. This should be nominally the same voltage as VDD(1V8) but
should be isolated to minimize noise and error.
VDD(3V3)
2, 31, 39, 51,
57, 77, 94,
104, 112, 119
I
3.3 V pad power supply: This is the power supply voltage for the I/O ports.
VDDA(3V3)
14
I
Analog 3.3 V pad power supply: This should be nominally the same voltage
as VDD(3V3) but should be isolated to minimize noise and error.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com