| Electronic Components Datasheet Search |
|
LPC2290 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2290 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 41 page ![]() LPC2290_3 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 03 — 16 November 2006 8 of 41 NXP Semiconductors LPC2290 16/32-bit ARM microcontroller with external memory interface P1.0/CS0 91[5] I/O P1.0 — General purpose digital input/output pin. O CS0 — LOW-active Chip Select 0 signal. (Bank 0 addresses range 0x8000 0000 to 0x80FF FFFF) P1.1/OE 90[5] I/O P1.1 — General purpose digital input/output pin. O OE — LOW-active Output Enable signal. P1.16/ TRACEPKT0 34[5] I/O P1.16 — General purpose digital input/output pin. O TRACEPKT0 — Trace Packet, bit 0. Standard I/O port with internal pull-up. P1.17/ TRACEPKT1 24[5] I/O P1.17 — General purpose digital input/output pin. O TRACEPKT1 — Trace Packet, bit 1. Standard I/O port with internal pull-up. P1.18/ TRACEPKT2 15[5] I/O P1.18 — General purpose digital input/output pin. O TRACEPKT2 — Trace Packet, bit 2. Standard I/O port with internal pull-up. P1.19/ TRACEPKT3 7[5] I/O P1.19 — General purpose digital input/output pin. O TRACEPKT3 — Trace Packet, bit 3. Standard I/O port with internal pull-up. P1.20/ TRACESYNC 102[5] I/O P1.20 — General purpose digital input/output pin. O TRACESYNC — Trace Synchronization. Standard I/O port with internal pull-up. Note: LOW on this pin while RESET is LOW, enables pins P1[25:16] to operate as Trace port after reset. P1.21/ PIPESTAT0 95[5] I/O P1.21 — General purpose digital input/output pin. O PIPESTAT0 — Pipeline Status, bit 0. Standard I/O port with internal pull-up. P1.22/ PIPESTAT1 86[5] I/O P1.22 — General purpose digital input/output pin. O PIPESTAT1 — Pipeline Status, bit 1. Standard I/O port with internal pull-up. P1.23/ PIPESTAT2 82[5] I/O P1.23 — General purpose digital input/output pin. O PIPESTAT2 — Pipeline Status, bit 2. Standard I/O port with internal pull-up. P1.24/ TRACECLK 70[5] I/O P1.24 — General purpose digital input/output pin. O TRACECLK — Trace Clock. Standard I/O port with internal pull-up. P1.25/EXTIN0 60[5] I/O P1.25 — General purpose digital input/output pin. I EXTIN0 — External Trigger Input. Standard I/O with internal pull-up. P1.26/RTCK 52[5] I/O P1.26 — General purpose digital input/output pin. I/O RTCK — Returned Test Clock output. Extra signal added to the JTAG port. Assists debugger synchronization when processor frequency varies. Bidirectional pin with internal pull-up. Note: LOW on this pin while RESET is LOW, enables pins P1[31:26] to operate as Debug port after reset. P1.27/TDO 144[5] I/O P1.27 — General purpose digital input/output pin. O TDO — Test Data out for JTAG interface. P1.28/TDI 140[5] I/O P1.28 — General purpose digital input/output pin. I TDI — Test Data in for JTAG interface. P1.29/TCK 126[5] I/O P1.29 — General purpose digital input/output pin. I TCK — Test Clock for JTAG interface. P1.30/TMS 113[5] I/O P1.30 — General purpose digital input/output pin. I TMS — Test Mode Select for JTAG interface. Table 3. Pin description …continued Symbol Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |