Electronic Components Datasheet Search
  English  ▼

X  

LPC2290 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2290 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 16Page - NXP Semiconductors LPC2290 Datasheet HTML 17Page - NXP Semiconductors LPC2290 Datasheet HTML 18Page - NXP Semiconductors LPC2290 Datasheet HTML 19Page - NXP Semiconductors LPC2290 Datasheet HTML 20Page - NXP Semiconductors LPC2290 Datasheet HTML 21Page - NXP Semiconductors LPC2290 Datasheet HTML 22Page - NXP Semiconductors LPC2290 Datasheet HTML 23Page - NXP Semiconductors LPC2290 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
20 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
6.12.1 Features
• Compliant with SPI specification.
• Synchronous, serial, full duplex, communication.
• Combined SPI master and slave.
• Maximum data bit rate of one eighth of the input clock rate.
6.13 SSP serial I/O controller (available in LPC2290/01 only)
The LPC2290/01 contains one Serial Synchronous Port controller (SSP). The SSP
controller is capable of operation on a SPI, 4-wire SSI, or Microwire bus. It can interact
with multiple masters and slaves on the bus. However, only a single master and a single
slave can communicate on the bus during a given data transfer. The SSP supports full
duplex transfers, with frames of 4 bits to 16 bits of data flowing from the master to the
slave and from the slave to the master. Often only one of these data flows carries
meaningful data.
The SSP and SPI1 share the same pins on LPC2290/01. After a reset, SPI1 is enabled
and SSP is disabled.
6.13.1 Features
• Synchronous Serial Communication.
• 8-frame FIFOs for both transmit and receive.
• Compatible with Motorola SPI, 4-wire TI SSI and National Semiconductor Microwire
buses.
• Master or slave operation.
• Four bits to 16 bits per SPI frame.
6.14 General purpose timers
The TIMER0 and TIMER1 are designed to count cycles of the peripheral clock (PCLK)
and optionally generate interrupts or perform other actions at specified timer values,
based on four match registers. It also includes four capture inputs to trap the timer value
when an input signal transitions, optionally generating an interrupt. Multiple pins can be
selected to perform a single capture or match function, providing an application with ‘or’
and ‘and’, as well as ‘broadcast’ functions among them.
6.14.1 Features
• A 32-bit Timer/Counter with a programmable 32-bit prescaler.
• Four 32-bit capture channels per timer that can take a snapshot of the timer value
when an input signal transitions. A capture event may also optionally generate an
interrupt.
• Four 32-bit match registers that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com