Electronic Components Datasheet Search
  English  ▼

X  

LPC2290 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2290 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 24Page - NXP Semiconductors LPC2290 Datasheet HTML 25Page - NXP Semiconductors LPC2290 Datasheet HTML 26Page - NXP Semiconductors LPC2290 Datasheet HTML 27Page - NXP Semiconductors LPC2290 Datasheet HTML 28Page - NXP Semiconductors LPC2290 Datasheet HTML 29Page - NXP Semiconductors LPC2290 Datasheet HTML 30Page - NXP Semiconductors LPC2290 Datasheet HTML 31Page - NXP Semiconductors LPC2290 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
28 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25
°C), nominal supply voltages.
[2]
Including voltage on outputs in 3-state mode.
[3]
VDD(3V3) supply voltages must be present.
[4]
3-state outputs go into 3-state mode when VDD(3V3) is grounded.
[5]
Accounts for 100 mV voltage drop in all supply lines.
[6]
Only allowed for a short time period.
[7]
Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
[8]
Applies to P1[25:16].
I2C-bus pins
VIH
HIGH-level input voltage
0.7VDD(3V3)
--V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -V
VOL
LOW-level output voltage
IOLS = 3 mA
[5] -
-
0.4
V
ILI
input leakage current
VI =VDD(3V3); to VSS
-2
4
µA
VI =5V
-
10
22
µA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0
-
1.8
V
Vo(XTAL2)
output voltage on pin
XTAL2
0
-
1.8
V
Table 6.
Static characteristics …continued
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com