Electronic Components Datasheet Search
  English  ▼

X  

LPC2290 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2290 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 11Page - NXP Semiconductors LPC2290 Datasheet HTML 12Page - NXP Semiconductors LPC2290 Datasheet HTML 13Page - NXP Semiconductors LPC2290 Datasheet HTML 14Page - NXP Semiconductors LPC2290 Datasheet HTML 15Page - NXP Semiconductors LPC2290 Datasheet HTML 16Page - NXP Semiconductors LPC2290 Datasheet HTML 17Page - NXP Semiconductors LPC2290 Datasheet HTML 18Page - NXP Semiconductors LPC2290 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
15 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
6.4 Interrupt controller
The Vectored Interrupt Controller (VIC) accepts all of the interrupt request inputs and
categorizes them as Fast Interrupt Request (FIQ), vectored Interrupt Request (IRQ), and
non-vectored IRQ as defined by programmable settings. The programmable assignment
scheme means that priorities of interrupts from the various peripherals can be dynamically
assigned and adjusted.
FIQ has the highest priority. If more than one request is assigned to FIQ, the VIC
combines the requests to produce the FIQ signal to the ARM processor. The fastest
possible FIQ latency is achieved when only one request is classified as FIQ, because then
the FIQ service routine can simply start dealing with that device. But if more than one
request is assigned to the FIQ class, the FIQ service routine can read a word from the VIC
that identifies which FIQ source(s) is (are) requesting an interrupt.
Fig 3.
LPC2290 and LPC2290/01 memory map
AHB PERIPHERALS
VPB PERIPHERALS
RESERVED ADDRESS SPACE
RESERVED ADDRESS SPACE
16 KBYTE ON-CHIP STATIC RAM
64 KBYTE ON-CHIP STATIC RAM (/01 ONLY)
RESERVED ADDRESS SPACE
0xFFFF FFFF
0xF000 0000
0xEFFF FFFF
0xE000 0000
0xDFFF FFFF
0x4000 4000
0x4000 3FFF
0x4001 0000
0x4000 FFFF
0x4000 0000
0x3FFF FFFF
4.0 GB
3.75 GB
3.5 GB
3.0 GB
2.0 GB
1.0 GB
0.0 GB
0x0000 0000
002aaa798
0x8400 0000
0x7FFF FFFF
EXTERNAL MEMORY BANK3
0x83FF FFFF
0x8300 0000
EXTERNAL MEMORY BANK2
0x82FF FFFF
0x8200 0000
EXTERNAL MEMORY BANK1
0x81FF FFFF
0x8100 0000
EXTERNAL MEMORY BANK0
0x80FF FFFF
0x8000 0000
BOOT BLOCK (RE-MAPPED FROM
ON-CHIP ROM MEMORY
0x7FFF E000
0x7FFF DFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com