Electronic Components Datasheet Search
  English  ▼

X  

LPC2290 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2290 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 10Page - NXP Semiconductors LPC2290 Datasheet HTML 11Page - NXP Semiconductors LPC2290 Datasheet HTML 12Page - NXP Semiconductors LPC2290 Datasheet HTML 13Page - NXP Semiconductors LPC2290 Datasheet HTML 14Page - NXP Semiconductors LPC2290 Datasheet HTML 15Page - NXP Semiconductors LPC2290 Datasheet HTML 16Page - NXP Semiconductors LPC2290 Datasheet HTML 17Page - NXP Semiconductors LPC2290 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
14 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
6.
Functional description
6.1 Architectural overview
The ARM7TDMI-S is a general purpose 32-bit microprocessor, which offers high
performance and very low power consumption. The ARM architecture is based on RISC
principles, and the instruction set and related decode mechanism are much simpler than
those of microprogrammed CISC. This simplicity results in a high instruction throughput
and impressive real-time interrupt response from a small and cost-effective processor
core.
Pipeline techniques are employed so that all parts of the processing and memory systems
can operate continuously. Typically, while one instruction is being executed, its successor
is being decoded, and a third instruction is being fetched from memory.
The ARM7TDMI-S processor also employs a unique architectural strategy known as
Thumb, which makes it ideally suited to high-volume applications with memory
restrictions, or applications where code density is an issue.
The key idea behind Thumb is that of a super-reduced instruction set. Essentially, the
ARM7TDMI-S processor has two instruction sets:
• The standard 32-bit ARM set.
• A 16-bit Thumb set.
The Thumb set’s 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM’s performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because Thumb code
operates on the same 32-bit register set as ARM code.
Thumb code is able to provide up to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM processor connected to a 16-bit memory system.
6.2 On-chip SRAM
On-chip SRAM may be used for code and/or data storage. The SRAM may be accessed
as 8-bit, 16-bit, and 32-bit. The LPC2290 provides 16 kB of SRAM and the LPC2290/01
provides 64 kB of SRAM.
6.3 Memory map
The LPC2290 memory maps incorporate several distinct regions, as shown in Figure 3.
In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either
on-chip bootloader, external memory BANK0 or on-chip static RAM. This is described in
Section 6.18 “System control”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com