Electronic Components Datasheet Search
  English  ▼

X  

LPC2290 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2290 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 31Page - NXP Semiconductors LPC2290 Datasheet HTML 32Page - NXP Semiconductors LPC2290 Datasheet HTML 33Page - NXP Semiconductors LPC2290 Datasheet HTML 34Page - NXP Semiconductors LPC2290 Datasheet HTML 35Page - NXP Semiconductors LPC2290 Datasheet HTML 36Page - NXP Semiconductors LPC2290 Datasheet HTML 37Page - NXP Semiconductors LPC2290 Datasheet HTML 38Page - NXP Semiconductors LPC2290 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
LPC2290_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 16 November 2006
35 of 41
NXP Semiconductors
LPC2290
16/32-bit ARM microcontroller with external memory interface
9.2 LPC2290 power consumption measurements
Fig 7.
External clock timing
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907
0.2VDD + 0.9 V
0.2VDD − 0.1 V
VDD − 0.5 V
0.45 V
Test conditions: code executed from on-chip RAM; all peripherals are enabled in PCONP register; PCLK = CCLK
⁄
4.
(1) 1.8 V core at 25
°C (typical)
(2) 1.65 V core at 25
°C (typical)
Fig 8.
LPC2290 IDD(act) measured at different frequencies (CCLK) and temperatures
002aab452
frequency (MHz)
0
60
40
20
10
50
30
(1)
(2)
20
40
60
IDD current
(mA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com