Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 2Page - Micrel Semiconductor MIC2155 Datasheet HTML 3Page - Micrel Semiconductor MIC2155 Datasheet HTML 4Page - Micrel Semiconductor MIC2155 Datasheet HTML 5Page - Micrel Semiconductor MIC2155 Datasheet HTML 6Page - Micrel Semiconductor MIC2155 Datasheet HTML 7Page - Micrel Semiconductor MIC2155 Datasheet HTML 8Page - Micrel Semiconductor MIC2155 Datasheet HTML 9Page - Micrel Semiconductor MIC2155 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
6
M9999-111209-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN 1, 2) .................................. -0.3V to 15V
Bootstrapped Voltage (VBST) ...................................VIN + 6V
SS, FB1, RMVOUT, RMGND, AVDD, Sync, EA2+, FB2,
VOUT .................................................................... -0.3V to 6V
CS1, EN1, EN2 ................................................ -0.3V to 15V
Junction Temperature Range...............-40
°C ≤ TJ ≤ +125°C
Ambient Storage Temperature...................-65
°C to +150°C
ESD .................................................... 100V Machine Model
1500V Human Body Model
Lead Temperature (soldering 10sec)......................... 260°C
Operating Ratings
(2)
Supply Voltage (VIN 1, 2)............................ +4.5V to +14.5V
Output Voltage Range...................................... 0.7V to 3.6V
Package Thermal Resistance
5mm × 5mm MLF
® (θJA) ....................................50°C/W
5mm × 5mm MLF
® (θJC).......................................5°C/W
Electrical Characteristics
(3)
TJ = 25°C; VEN = VIN1 = VIN2 =12V; unless otherwise specified. Bold values indicate -40°C≤TJ≤+125°C
Parameter
Condition
Min
Typ
Max
Units
VIN , VDD and VREF Supply
Total Supply Current,
IVIN1 + IVIN2
PWM Mode Supply Current
VFB = 0.8V (both O/Ps; non-switching)
6
10
mA
Shutdown Current
VEN1 = VEN2 = 0V
210
300
µA
CH1 VIN UVLO Start Voltage
VDD = Open
3.6
4
4.4
V
CH1 VIN UVLO Stop Voltage
VDD = Open
3.4
3.97
4.2
V
CH2 VIN UVLO Start Voltage
VDD = Open
2.5
2.7
2.9
V
CH2 VIN UVLO Stop Voltage
VDD = Open
2.3
2.5
2.7
V
VDD UVLO Start Voltage
VIN1 = VDD for VIN < 6V
3.6
VDD UVLO Stop Voltage
VIN1 = VDD for VIN < 6V
3.3
VIN UVLO Hysteresis
VDD = open
40
mV
VEN Shutdown Threshold
(Each Channel)
0.6
1
1.6
V
VEN Hysteresis
(Each Channel)
30
mV
Internal Bias Voltage (VDD)
IVDD = -75mA
IVDD = -50mA VIN = 6V
4.9
4.9
5.25
5
5.6
5.6
V
Oscillator / PWM Section
PWM Frequency
MIC2155
MIC2156
450
270
510
310
550
330
kHz
Sync Range
Sync Input is 2x PWM Frequency
MIC2155
MIC2156
860
500
1200
680
kHz
Sync Level
0.5
3
V
Maximum Duty Cycle
(each Channel)
80
%
Minimum Headroom
between VDD and VOUT
Required for remote sense amplifier use
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com