Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor MIC2155 Datasheet HTML 28Page - Micrel Semiconductor MIC2155 Datasheet HTML 29Page - Micrel Semiconductor MIC2155 Datasheet HTML 30Page - Micrel Semiconductor MIC2155 Datasheet HTML 31Page - Micrel Semiconductor MIC2155 Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
28
M9999-111209-B
The snubber capacitor, CS, is charged and discharged
each switching cycle. The energy stored in CS is
dissipated by the snubber resistor, RS, two times per
switching period. This power is calculated in the
equation below:
2
IN
S
S
SNUBBER
V
C
f
P
×
×
=
Where:
fS is the switching frequency for each phase
VIN is the DC input voltage
Compensation of the Output Voltage Loop
The voltage regulation, filter and power stage section is
shown in Figure 24. The error amplifier for Channel 1 is
used to regulate the output voltage and compensate the
voltage regulation loop. It is a voltage output op amp that
is designed to use type III (PID) compensation. Type III
compensation has two compensating zeros, two poles
and a pole at the origin. The figure also shows the
transfer function for each section.
Compensation is necessary to insure the control loop
has adequate bandwidth and phase margin to properly
respond to input voltage and output current transients.
High gain at DC and low frequencies is needed for
accurate output voltage regulation. Attenuation near the
switching frequency prevents switching frequency noise
from interfering with the control loop.
For this analysis, the LC filter in the two phase design is
combined into one. The inductances are in parallel and
the output capacitance is the total sum of all COUT. The
ESR is the parallel combination of all ESRs. The output
load is represented by a resistor R.
The output filter contains a complex double pole formed
by the capacitor and inductor and a zero from the output
capacitor and it’s ESR. The transfer function of the filter
is:
2
o
s
o
Q
2
s
1
z
s
1
)
s
(
Gfilter
⎟
⎠
⎞
⎜
⎝
⎛
ω
+
ω
×
×
+
ω
+
=
Where:
L
C
R
Q
L
C
1
o
sr
Re
C
1
z
O
O
O
O
×
=
×
=
ω
×
=
ω
E/A
Modulator
Filter
C2
C1
C3
R2
R1
R4
R3
VREF = 0.7V
Driver
Q1
Q2
VIN
RESR
CO
L1 || L2
R
Figure 24. Voltage Loop and Transfer Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com