Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 14Page - Micrel Semiconductor MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor MIC2155 Datasheet HTML 18Page - Micrel Semiconductor MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
18
M9999-111209-B
The MIC2155/6 current limit circuit restricts the
maximum output current. If the load tries to draw
additional current the output voltage drops until it is no
longer within regulation limits. At this point (75% of
nominal output voltage) a hiccup current mode is
initiated to protect down stream loads from excessive
current during hard short circuits. This helps reduce the
overall power dissipation in the PWM converter
components during a fault.
Figure 14. Overcurrent Sense Waveforms
The MIC2155/6 only senses current across the low side
MOSFET of Channel 1 since both channels operate in
parallel. This means the total output current limit is
approximately twice the calculated current limit.
Current Limit Setting
The current limit circuit responds to the peak inductor
current flowing through the low-side FET. The value of
RCS can be estimated with the “simple” method or can be
more accurately calculated by taking the inductor ripple
current into account.
The Simple Method
Current limit can be quickly estimated with the following
equation:
RCS = IOUT/2 × RDSON(MAX)/180µA.
Where: RDSON is the maximum on-resistance of the low
side FET at the operating junction temperature
Accurate Method
For designs where ripple current is significant when
compared to IOUT or for low duty cycle operation,
calculating the current setting resistor RCS should take
into account that we are sensing the peak inductor
current and that there is a blanking delay of
approximately 100ns.
Figure 15. Overcurrent waveform
The equations to accurately calculate the current limit
resistor value are shown below:
2
I
2
I
I
RIPPLE
OUT
PK
+
=
L
F
)
D
1
(
V
I
S
OUT
RIPPLE
×
−
×
=
L
T
V
I
I
DLY
OUT
PK
SET
×
−
=
)
MIN
(
CS
)
MAX
(
DSON
SET
CS
I
R
I
R
×
=
D = Duty Cycle
FS = Switching Frequency
L = Power inductor value
TDLY = Current limit blanking time ~ 100ns
ICS(min) = 180µA
Example:
Consider a 12V to 3.3V @ 30A converter with 1.5µH
power inductor and 90% efficiency at full load. Each
channel will supply 15A at a 500kHz (MIC2155)
switching frequency. The on-resistance of the low side
MOSFET is 6mΩ.
Using the simple method:
Ω
=
μ
Ω
×
=
500
A
180
m
6
2
A
30
RCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com