Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor MIC2155 Datasheet HTML 23Page - Micrel Semiconductor MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor MIC2155 Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
24
M9999-111209-B
Inductor Current Sense Components
The RC circuit values that sense current across the
inductor can be calculated once the inductor is selected.
The circuit is shown in Figure 20.
Q2
Output Inductor and
Winding Resistance
Figure 20. Inductor Current Sense
The inductor has the following values:
L = 1.0µH, R L= 1.9mΩ
Proper sensing of the DC voltage across the inductor
requires the RL/L time constant be equal to the R1×C1
time constant:
1
R
1
C
R
L
L
×
=
A good range of values for C1 is 0.1µF to 1µF. For this
example C1 is chosen as 0.22µF. R1 is:
k
39
.
2
F
22
.
0
m
9
.
1
H
1
1
C
R
L
1
R
L
=
μ
×
Ω
μ
=
×
=
Input Capacitor Selection
In addition to high-frequency ceramic capacitors, a larger
bulk capacitance, either ceramic or Al. El. should be
used to help attenuate ripple on the input and to supply
current to the input during large output current
transients. The input capacitors must be rated for the
RMS input current of the power supply. RMS input
capacitor current is determined at the maximum output
current. The graph in Figure 21 shows the normalized
RMS input ripple current vs. duty cycle. Data is
normalized to the output current.
For a two-phase converter operating at 17% duty cycle,
the input RMS current is determined from the graph:
A
2
.
7
24
.
0
I
I
OUT
RMS
_
CIN
=
×
≈
The power dissipated in the input capacitor is:
(
)
ESR
2
)
RMS
(
CIN
)
CIN
(
DISS
R
I
P
×
=
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
DUTY CYCLE
Single Phase
2 Phase
Figure 21. RMS Input Current vs. Duty Cycle
MOSFET Selection
External N-channel logic level power MOSFETs must be
used for the high and low side switches. The MOSFET
gate to source drive voltage of the MIC2155 is regulated
by an internal 5V VDD regulator. Logic level MOSFETs,
whose operation is specified at VGS = 4.5V must be
used. This resistance is used to calculate the losses
during the MOSFET’s conduction time. If operating at
4.5VIN, without connecting VDD to VIN, the gate drive
voltage to the high-side FET could be as low as 3.2V.
MOSFETs with low VGS enhanced gates should be used
in this situation.
It is important to note the on-resistance of a MOSFET
increases at high junction temperature. A 75°C rise in
junction temperature will increase the channel resistance
of the MOSFET by 40% to 75% of the resistance
specified at 25°C. This change in resistance must be
accounted for when calculating MOSFET power
dissipation.
Total gate charge is the charge required to turn the
MOSFET on and off under specified operating conditions
(VDS and VGS). The gate charge is supplied by the
MIC2155 gate drive circuit. Gate charge can be a
significant source of power dissipation in the controller
due to the high switching frequencies and generally
large MOSFETs that are driven. At low output load this
power dissipation is noticeable as a reduction in
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com