Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 13Page - Micrel Semiconductor MIC2155 Datasheet HTML 14Page - Micrel Semiconductor MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor MIC2155 Datasheet HTML 18Page - Micrel Semiconductor MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
17
M9999-111209-B
FREQUENCY (Hz)
60
50
40
30
20
10
0
-10
-20
-30
-40
200
160
120
80
40
0
-40
-80
-120
-160
-200
1k
10k
100k
1M
10M
Phase
Magnitude
Figure 11. Remote Sense Amplifier Gain/Phase Plot
A typical remote sense configuration is shown in Figure
12. The output of the remote sense amplifier feeds a
voltage divider (R1, R4), which is connected to the
Channel 1 error amplifier. The divider and compensation
network for the remote sense are the same as for a local
sense configuration. The 10Ω resistors provide an
alternate feedback path if the remote sense connections
are removed or opened. The remote sense connections
should not be shorted or the output voltage will increase
close to VIN. The OVP circuit in the controller will not
protect against this type of fault since the feedback pin
voltage will be 0V.
LOAD
+SENSE
–SENSE
Figure 12. Remote Sense
Setting the Output Voltage
Regardless of whether the remote sensing or local
output voltage sensing is used, the output voltage is set
with voltage divider resistors R1 and R4 (Figure 12). The
equation below is used to calculate VOUT.
⎥⎦
⎤
⎢⎣
⎡ +
×
=
4
R
1
R
1
V
V
REF
OUT
Where:
VREF = 0.7V
Current Limit and Overcurrent Protection
The MIC2155/6 uses the synchronous (low-side)
MOSFETs RDSON to sense an over current condition. The
low-side MOSFET is used because it displays lower
parasitic oscillations after switching then the upper
MOSFET. Additionally, it improves the accuracy and
reduces false tripping at lower voltage outputs and
narrow duty cycles since the off-time increases as duty
cycle decreases.
200µA
MIC2155/6
Q1
Q2
L1
CO
HSD
CS1
RCS
Current Limit
VIN
–IL × RDSON
IL
IL
LSD
Figure 13. Overcurrent Circuit
Inductor current flows from the lower MOSFET source to
the drain during the off-time. The drain voltage becomes
negative with respect to ground as the inductor current
continues to flow from Source to Drain. This negative
voltage is proportional to instantaneous inductor current
times the MOSFET RDSON. The voltage across the low-
side FET becomes even more negative as the output
current increases. The overcurrent circuit operates by
passing a known fixed current source (200µA) through a
resistor RCS. This sets up an offset voltage (ICS × RCS)
that is compared to the VDS of the low-side FET. When
ISD (Source to Drain current) × IL is equal to this voltage,
the MIC2155’s over current trigger is set, which disables
the next high side gate drive pulse. After missing the
high side pulse, the overcurrent (OC) trigger is reset. If
on the next low-side drive cycle, the current is still too
high i.e. VCS is ≤ 0V, another high side pulse is missed
and so on. This effectively reduces the overall energy
transferred to the output and VOUT starts to fall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com