Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 27Page - Micrel Semiconductor MIC2155 Datasheet HTML 28Page - Micrel Semiconductor MIC2155 Datasheet HTML 29Page - Micrel Semiconductor MIC2155 Datasheet HTML 30Page - Micrel Semiconductor MIC2155 Datasheet HTML 31Page - Micrel Semiconductor MIC2155 Datasheet HTML 32Page - Micrel Semiconductor MIC2155 Datasheet HTML 33Page - Micrel Semiconductor MIC2155 Datasheet HTML 34Page - Micrel Semiconductor MIC2155 Datasheet HTML 35Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
31
M9999-111209-B
Based on the amount of gain necessary at the crossover
frequency the mid-band gain and R2 value is calculated
using the following formula:
Step 6: Determine the frequency for fp2
This is the high frequency pole, which is useful in
additional attenuation of the switching frequency. It
should initially be set at half of the switching frequency. If
it is set too low, it will lower the phase margin at the
crossover frequency, making it difficult to achieve the
proper phase margin. If set too high, it will not provide
attenuation of the switching frequency, which could lead
to jitter of the switching waveform or instability under
certain conditions.
CO
2
CO
G
1
R
2
R
1
fp
2
fz
fz
fc
fc
fo
Vin
H
Vm
G
×
=
×
⎟
⎠
⎞
⎜
⎝
⎛
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
The other component values are calculated as follows:
2
fs
2
fp
=
2
R
1
fz
2
1
2
C
×
×
π
×
=
Calculating Error Amplifier Component Values
1
R
2
fz
2
1
3
C
×
×
π
×
=
Once the pole and zero frequencies have been fixed, the
error amplifier’s resistor and capacitor values are
calculated.
)
1
2
R
2
C
1
fp
(
2
2
C
3
C
−
×
×
×
π
×
=
R1: This value is chosen first. All other component
values are calculated from R1. A value of 10K is
suggested. If R1 is chosen too high, R2 may be very
large and the high impedances could be sensitive to
noise. If the remote sense amplifier is used, R1 must be
large enough so than not more than 500µA of current is
drawn from the amplifier.
3
C
2
fp
2
1
3
R
×
×
π
×
=
Compensation of the Current Sharing Loop
The control circuitry for Channel 2 forces the channel’s
output current to match the current in Channel 1. The
Channel 2 error amplifier compares the inductor currents
in the two channels and adjusts the duty cycle of
Channel 2 to control its output current. A block diagram
is shown in Figure 27.
R2: The value of R2 is determined from the mid-band
gain of the error amplifier. This gain depends on the
frequencies of the poles, zeros and LC filter resonant
frequency.
Channel 2
Transconductance E/A
Modulator
Filter
CZ1
RZ1
Driver
Ramp
Q1
Q2
VIN
CO
L2
RL2
L1
Channel 1 IL
RL1
R2
C2
R1
C1
Figure 27. Current Sharing Loop and Transfer Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com