Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 12Page - Micrel Semiconductor MIC2155 Datasheet HTML 13Page - Micrel Semiconductor MIC2155 Datasheet HTML 14Page - Micrel Semiconductor MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor MIC2155 Datasheet HTML 18Page - Micrel Semiconductor MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
16
M9999-111209-B
CBST
Figure 9. Gate Drive
dv/dt Induced Turn On of the Low-Side MOSFET
As the high-side MOSFET turns on, the rising dv/dt on
the switch-node forces current through CGD of the low-
side FET causing a glitch on the FET’s gate. Figure 10
illustrates the basic mechanism causing this issue. If the
glitch on the gate is greater than the FET’s turn-on
threshold, it may cause an unwanted turn-on of the low-
side FET while the high-side FET is on. A short circuit
between input and ground would occur that lowers
efficiency and increases power dissipation in both FETs.
Additionally, turning on the low-side FET during the off-
time could interfere with overcurrent sensing.
VDS
Figure 10. dv/dt Induced Turn-On
The following steps can be taken to lower the gate drive
impedance, minimize the dv/dt induced current and
lower the FETs susceptibility to the induced glitch:
1) Chose a MOSFET with:
a) a high CGS/CGD ratio
b) a low internal gate resistance
2) Do not put a resistor between the LSD output
and the gate.
3) Insure both the gate drive and return etch are
short, low inductance connections.
4) Use a 4.5V VGS-rated MOSFET because its
higher gate threshold voltage is more immune to
glitches than a 2.5V or 3.3V rated FET.
5) Connect VDD to VIN or a 5V supply if VIN is below
6V. The RDSON of the internal driver will be lower
and a 4.5V rated MOSFET can be used.
Remote Sense
Remote sensing provides accurate output voltage
regulation by sensing at the load. Remote sensing
makes up for losses in the power distribution path. It
uses a unity gain differential amplifier to overcome
voltage drops in both the output and return (ground)
paths. The amplifier has common mode input range from
-0.3V to 3.6V. For proper remote sense operation, VIN
must be greater than 6V. If VIN is less than 6V, the VDD
pin must be connected to VIN or externally supplied with
5V.
The output of the remote sense amplifier can source up
to 500µA. The voltage divider resistors (R1 and R4 in
Figure 12) must be chosen to insure the output current
of the amplifier does not exceed the maximum of 500µA.
A
500
V
V
1
R
REF
OUT
MAX
μ
−
≥
Where:
VREF = 0.7V
A gain/phase plot of the remote sense amplifier in Figure
11 shows a typical 2MHz bandwidth. Phase lag is 45° at
1MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com