Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor MIC2155 Datasheet HTML 23Page - Micrel Semiconductor MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
23
M9999-111209-B
The resistance of the copper wire, RWINDING, increases
with temperature. If so desired, a more accurate
calculation can be made if the maximum ambient
temperature and temperature rise of the inductor is
known. The value of the winding resistance at operating
temperature is calculated with the formula below:
RWINDING(HOT) = RWINDING(20) x (1 + 0.0042 x
(TempHOT – T20)
Where:
TempHOT is the temperature of the wire under operating
load
T20 is the ambient temperature
RWINDING(20) is the resistance of the winding at room
temperature, usually specified by the manufacturer.
For this example, the approximate power dissipation is
0.43W. From the manufacturers data sheet this causes a
20°C rise in inductor temperature. Assuming ambient
temperature stayed at 20°C, the maximum winding
resistance would be increased from 1.9mΩs to:
Ω
=
°
−
°
×
+
×
Ω
=
m
06
.
2
)
C
20
C
40
(
0042
.
0
1
(
m
9
.
1
R
)
HOT
(
WINDING
Output Capacitor Selection
In this example, the output capacitors are chosen to
keep the output voltage ripple below a specified value.
The output ripple voltage is determined by the capacitors
ESR (equivalent series resistance) and capacitance.
Voltage rating and RMS current capability are two other
important factors in selecting the output capacitor.
Ceramic output capacitors and most polymer capacitors
have very low ESR and are recommended for use with
the MIC2155/6. The output capacitance is usually the
primary cause of output ripple in ceramic and very low
ESR capacitors. The minimum value of COUT is
calculated below:
S
OPP
PP
OUT
f
2
V
8
I
C
×
×
Δ
×
≥
Where:
ΔVOPP is the peak-to-peak output voltage ripple
IPP is the peak-to-peak ripple current as see by the
capacitors
fS is the per channel switching frequency
Notice the calculation is performed at 2x the switching
frequency since the capacitors see ripple current from
both phases.
For this example, using ΔVOPP = 10mV, the minimum
COUT is:
F
29
kHz
500
2
mV
10
8
3
.
2
COUT
μ
=
×
×
×
≥
A capacitance value this low is usually not used in high
current converters because of transient output current
requirements.
For this example, 500µF total capacitance is used. It is
split up into (4) 47µF ceramic capacitors and (2) 150µF
Aluminum Polymer capacitors
The total output ripple is a combination of the ESR and
the output capacitance. The total ripple is calculated
below:
[]2
ESR
PP
2
S
OUT
PP
OUT
R
I
f
2
C
8
I
V
×
+
⎥
⎦
⎤
⎢
⎣
⎡
×
×
×
=
Δ
To increase reliability, the recommended voltage rating
of capacitor should be twice the output voltage for a
tantalum and 20% greater for an aluminum electrolytic or
ceramic.
The output capacitor RMS current is calculated below:
A
66
.
0
12
A
3
.
2
12
I
I
PP
)
RMS
(
COUT
=
=
=
The power dissipated in the output capacitors can be
calculated by the equation below:
(
)
ESR
2
)
RMS
(
COUT
)
COUT
(
DISS
R
I
P
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com