Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 10Page - Micrel Semiconductor MIC2155 Datasheet HTML 11Page - Micrel Semiconductor MIC2155 Datasheet HTML 12Page - Micrel Semiconductor MIC2155 Datasheet HTML 13Page - Micrel Semiconductor MIC2155 Datasheet HTML 14Page - Micrel Semiconductor MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor MIC2155 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
14
M9999-111209-B
CVDD
10µF
CBST
Figure 6. Emitter Follower Regulator
The internal VDD regulator can supply up to 75mA of
current to drive the external MOSFETs. Power
dissipation inside the MIC2155/6 control IC is divided
between power dissipated in the controller’s analog
circuitry and power dissipated in the drive circuitry. Drive
circuitry power is almost always much greater than
analog circuitry power. Total regulator power dissipation
is calculated using the following formula:
)
I
Qg
(f
V
I
V
P
Q
S
IN1
IN1
IN1
DISS
+
×
×
=
×
=
Where:
Qg = total gate charge of all MOSFETs
fS = switching frequency of each stage (500kHz for
the MIC2155 and 300kHz for the MIC2156)
IQ = Controller quiescent current (non-switching
supply current)
In some instances, power dissipation inside the control
IC may limit the controller’s maximum ambient
temperature. For example, if the MIC2155 is powered
from a 12V source and is driving 4 FETs. If each FET
has a Qg=37nC, the total power dissipation in the
MIC2155 is:
W
888
.
0
kHz
500
)
4
nC
37
(
V
12
PDISS
=
×
×
×
=
The maximum operating ambient temperature is:
C
81
T
W
C
50
W
888
.
0
C
125
T
P
T
T
)
MAX
(
A
)
MAX
(
A
JC
DISS
)
MAX
(
J
)
MAX
(
A
°
=
°
×
−
°
=
θ
×
−
=
Using an external LDO to supply VDD (as in Figure 5)
can lower power dissipation in the controller and reduce
junction temperature by supplying VDD externally. Using
an external regulator, the power dissipated in the
controller is reduced to:
W
kHz
nC
V
PDISS
37
.
0
500
)
4
37
(
5
(
=
×
×
×
=
Careful selection and temperature rise calculations of
the external LDO should be done to prevent an
excessively high LDO junction temperature.
UVLO
Separate UVLO circuits monitor VIN1, VIN2 and VDD.
Switching on Channel 1 is inhibited until the voltage on
the VIN1 and VDD pins is greater than their respective
UVLO thresholds. The gate drive on Channel 2 is
inhibited until the VIN2 pin voltage exceeds its UVLO
threshold.
Individual UVLO thresholds are necessary to allow
proper operation from separate input supplies. The VIN1
threshold prevents the IC from switching if the input
voltage is too low to properly source the VDD voltage.
The VIN2 UVLO threshold is lower than VIN1 to allow
operation from a low voltage input.
Channel 1 will switch and provide a regulated output
voltage even if the VIN2 UVLO prevents Channel 2 from
switching.
Power Good
The power good signal asserts high when the output
voltage is greater than the power good threshold. The
power good circuit compares a portion of the reference
voltage to the voltage on the feedback pin. The output is
an open drain FET as shown in Figure 7. To assert high
it must be pulled up to AVDD through a resistor.
PGOOD
BandGap-10%
FB1
AVDD
PG Comparator
Figure 7. Power Good
The power good signal may be connected to the enable
pin of other power supplies and used to sequence the
other outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com