Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 5 Page - Analog Devices

  AD5748 Datasheet HTML 1Page - Analog Devices AD5748 Datasheet HTML 2Page - Analog Devices AD5748 Datasheet HTML 3Page - Analog Devices AD5748 Datasheet HTML 4Page - Analog Devices AD5748 Datasheet HTML 5Page - Analog Devices AD5748 Datasheet HTML 6Page - Analog Devices AD5748 Datasheet HTML 7Page - Analog Devices AD5748 Datasheet HTML 8Page - Analog Devices AD5748 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD5748
Rev. A | Page 5 of 32
Parameter 1
Min
Typ
Max
Unit
Test Conditions/Comments
Output Noise Spectral Density
165
nV/√Hz
Measured at 10 kHz; specified with
2 kΩ || 220 pF
AC PSRR
−65
dB
200 mV, 50 Hz/60 Hz sine wave
superimposed on power supply voltage
DC PSRR
10
μV/V
Outputs unloaded
CURRENT OUTPUT, IOUT
Output Current Ranges
0
21
mA
4
21
mA
Accuracy, Internal RSET 4
Total Unadjusted Error (TUE)2
−0.5
+0.5
% FSR
−0.3
±0.15
+0.3
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.01
+0.02
% FSR
4 mA to 21 mA, 0 mA to 21 mA
Offset Error
−16
+16
μA
4 mA to 21 mA, 0 mA to 21 mA
−10
+5
+10
μA
TA = 25°C
Offset Error TC3
±3
ppm FSR/°C
4 mA to 21 mA, 0 mA to 21 mA
Gain Error
−0.2
+0.2
% FSR
4 mA to 21 mA, 0 mA to 21 mA
−0.03
±0.006
+0.03
% FSR
TA = 25°C
Gain TC3
±8
ppm FSR/°C
4 mA to 21 mA, 0 mA to 21 mA
Full-Scale Error
−0.2
+0.2
% FSR
4 mA to 21 mA, 0 mA to 21 mA
−0.125
±0.02
+0.125
% FSR
TA = 25°C
Full-Scale TC3
±4
ppm FSR/°C
4 mA to 21 mA, 0 mA to 21 mA
Accuracy, External RSET4
Total Unadjusted Error (TUE)2
−0.3
+0.3
% FSR
−0.1
±0.02
+0.1
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.01
+0.02
% FSR
4 mA to 21 mA, 0 mA to 21 mA
Offset Error
−14
+14
μA
4 mA to 21 mA, 0 mA to 21 mA
−11
+5
+11
μA
TA = 25°C
Offset Error TC3
±2
ppm FSR/°C
4 mA to 21 mA, 0 mA to 21 mA
Gain Error
−0.08
+0.08
% FSR
4 mA to 21 mA, 0 mA to 21 mA
−0.07
±0.02
+0.07
% FSR
TA = 25°C
Gain TC
±1
ppm FSR/°C
4 mA to 21 mA, 0 mA to 21 mA
Full-Scale Error
−0.1
+0.1
% FSR
4 mA to 21 mA, 0 mA to 21 mA
−0.07
±0.02
+0.07
% FSR
TA = 25°C
Full-Scale TC3
±2
ppm FSR/°C
4 mA to 21 mA, 0 mA to 21 mA
CURRENT OUTPUT CHARACTERISTICS3
Current Loop Compliance Voltage
0
AVDD − 2.75
V
Resistive Load
See comments
Chosen so that compliance is not
exceeded
Inductive Load
See comments
Needs appropriate capacitor at higher
inductance values; see the
Driving
Inductive Loads section
Settling Time
4 mA to 21 mA, Full-Scale Step
8.5
μs
250 Ω load
120 μA Step, 4 mA to 21 mA Range
1.2
μs
250 Ω load
DC PSRR
1
μA/V
Output Impedance
130
MΩ
DIGITAL INPUT
JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
−1
+1
μA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS3
FAULT, IFAULT, TEMP, VFAULT
Output Low Voltage, VOL
0.4
V
10 kΩ pull-up resistor to DVCC
Output Low Voltage, VOL
0.6
V
At 2.5 mA
Output High Voltage, VOH
3.6
V
10 kΩ pull-up resistor to DVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com