Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5748 Datasheet HTML 24Page - Analog Devices AD5748 Datasheet HTML 25Page - Analog Devices AD5748 Datasheet HTML 26Page - Analog Devices AD5748 Datasheet HTML 27Page - Analog Devices AD5748 Datasheet HTML 28Page - Analog Devices AD5748 Datasheet HTML 29Page - Analog Devices AD5748 Datasheet HTML 30Page - Analog Devices AD5748 Datasheet HTML 31Page - Analog Devices AD5748 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD5748
Rev. A | Page 30 of 32
APPLICATIONS INFORMATION
TRANSIENT VOLTAGE PROTECTION
The AD5748 contains ESD protection diodes that prevent damage
from normal handling. The industrial control environment can,
however, subject I/O circuits to much higher transients. To protect
the AD5748 from excessively high voltage transients, external
power diodes and a surge current limiting resistor may be
required, as shown in Figure 54. The constraint on the resistor
value is that, during normal operation, the output level at IOUT
must remain within its voltage compliance limit of AVDD − 2.75 V,
and the two protection diodes and resistor must have appropri-
ate power ratings. Further protection can be added with transient
voltage suppressors if needed.
IOUT
AVDD
AVDD
AVSS
AD5748
RP
RLOAD
Figure 54. Output Transient Voltage Protection
THERMAL CONSIDERATIONS
It is important to understand the effects of power dissipation
on the package and on junction temperature. The internal junction
temperature should not exceed 125°C. The AD5748 is packaged
in a 32-lead LFCSP 5, 5 mm × 5 mm package. The thermal
impedance, θJA, is 28°C/W. It is important that the devices are
not operated under conditions that cause the junction tempera-
ture to exceed its junction temperature.
Worst-case conditions occur when the AD5748 is operated from
the maximum AVDD (26.4 V) while driving the maximum
current (24 mA) directly to ground. The quiescent current of the
AD5748 should also be taken into account, nominally ~4 mA.
The following calculations estimate maximum power dissipation
under these worst-case conditions, and determine maximum
ambient temperature based on the power dissipation:
Power Dissipation = 26.4 V × 28 mA = 0.7392 W
Temp Increase = 28°C × 0.7392 W = 20.7°C
Maximum Ambient Temp = 125°C − 20.7°C = 104.3°C
These figures assume that proper layout and grounding
techniques are followed to minimize power dissipation,
as outlined in the Layout Guidelines section.
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The PCB on which the AD5748 is
mounted should be designed so that the AD5748 lies on the
analog plane.
The AD5748 should have ample supply bypassing of 10 μF
in parallel with 0.1 μF on each supply located as close to the
package as possible, ideally right up against the device. The
10 μF capacitors are the tantalum bead type. The 0.1 μF capaci-
tor should have low effective series resistance (ESR) and low
effective series inductance (ESI) such as the common ceramic
types, which provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
In systems where there are many devices on one board, it is often
useful to provide some heat sinking capability to allow the power
to dissipate easily.
AD5748
AVSS
PLANE
BOARD
Figure 55. Paddle Connection to Board
The AD5748 has an exposed paddle beneath the device. This
paddle is connected to the AVSS supply for the part. For opti-
mum performance, special considerations should be used to
design the motherboard and to mount the package. For enhanced
thermal, electrical, and board level performance, the exposed
paddle on the bottom of the package is soldered to the correspond-
ing thermal land paddle on the PCB. Thermal vias are designed
into the PCB land paddle area to further improve heat dissipation.
The AVSS plane on the device can be increased (as shown in
Figure 55) to provide a natural heat sinking effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com