Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5748 Datasheet HTML 21Page - Analog Devices AD5748 Datasheet HTML 22Page - Analog Devices AD5748 Datasheet HTML 23Page - Analog Devices AD5748 Datasheet HTML 24Page - Analog Devices AD5748 Datasheet HTML 25Page - Analog Devices AD5748 Datasheet HTML 26Page - Analog Devices AD5748 Datasheet HTML 27Page - Analog Devices AD5748 Datasheet HTML 28Page - Analog Devices AD5748 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD5748
Rev. A | Page 25 of 32
DEFAULT REGISTERS AT POWER-ON
The AD5748 power-on reset circuit ensures that all registers are
loaded with zero code.
In software SPI mode, the part powers up with all outputs dis-
abled (OUTEN bit = 0). The user must set the OUTEN bit in
the control register to enable the output and, in the same write,
set the output range configuration using the R3 to R0 bits.
If hardware mode is selected, the part powers up to the
conditions defined by the R3 to R0 bits and the status of the
OUTEN pin. It is recommended to keep the output disabled
when powering up the part in hardware mode.
RESET FUNCTION
In software mode, the part can be reset using the RESET pin
(active low) or the reset bit (reset = 1). A reset disables both the
current and voltage outputs to their power-on condition. The
user must write to the OUTEN bit to enable the output and, in
the same write, set the output range configuration. The RESET
pin is a level-sensitive input; the part stays in reset mode as long
as the RESET pin is low. The reset bit clears to 0 following a
reset command to the control register.
In hardware mode, there is no reset. If using the part in hardware
mode, the RESET pin should be tied high.
OUTEN
In software mode, the output can be enabled or disabled using
the OUTEN bit in the control register. When the output is
disabled, both the current and voltage channels go into tristate.
The user must set the OUTEN bit to enable the output and
simultaneously set the output range configuration.
In hardware mode, the output can be enabled or disabled using
the OUTEN pin. When the output is disabled, both the current
and voltage channels both go into tristate. The user must write
to the OUTEN pin to enable the output. It is recommended
that the output be disabled when changing the ranges.
SOFTWARE CONTROL
Software control is enabled by connecting the HW SELECT pin
to ground. In software mode, the AD5748 is controlled over a
versatile 3-wire serial interface that operates at clock rates of up
to 50 MHz. It is compatible with SPI, QSPI™, MICROWIRE,
and DSP standards.
Input Shift Register
The input shift register is 16 bits wide. Data is loaded into the
device MSB first as a 16-bit word under the control of a serial
clock input, SCLK. Data is clocked in on the falling edge of
SCLK. The input shift register consists of 16 control bits, as
shown in Table 6. The timing diagram for this write operation
is shown in Figure 2. The first three bits of the input shift register
are used to set the hardware address of the AD5748 device on
the printed circuit board (PCB). Up to eight devices can be
addressed per board.
Bit D11, Bit D1, and Bit D0 must always be set to 0 during any
write sequence.
Table 6. Input Shift Register Contents for a Write Operation—Control Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
R/W
0
R3
R2
R1
R0
CLRSEL
OUTEN
Clear
RSET
Reset
0
0
Table 7. Input Shift Register Descriptions
Bit
Description
A2, A1, A0
Used in association with the AD2, AD1, and AD0 external pins to determine which part is being addressed by the system
controller
A2
A1
A0
Function
0
0
0
Addresses part with Pin AD2 = 0, Pin AD1 = 0, Pin AD0 = 0
0
0
1
Addresses part with Pin AD2 = 0, Pin AD1 = 0, Pin AD0 = 1
0
1
0
Addresses part with Pin AD2 = 0, Pin AD1 = 1, Pin AD0 = 0
0
1
1
Addresses part with Pin AD2 = 0, Pin AD1 = 1, Pin AD0 = 1
1
0
0
Addresses part with Pin AD2 = 1, Pin AD1 = 0, Pin AD0 = 0
1
0
1
Addresses part with Pin AD2 = 1, Pin AD1 = 0, Pin AD0 = 1
1
1
0
Addresses part with Pin AD2 = 1, Pin AD1 = 1, Pin AD0 = 0
1
1
1
Addresses part with Pin AD2 = 1, Pin AD1 = 1, Pin AD0 = 1
R/W
Indicates a read from or a write to the addressed register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com