Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5748 Datasheet HTML 22Page - Analog Devices AD5748 Datasheet HTML 23Page - Analog Devices AD5748 Datasheet HTML 24Page - Analog Devices AD5748 Datasheet HTML 25Page - Analog Devices AD5748 Datasheet HTML 26Page - Analog Devices AD5748 Datasheet HTML 27Page - Analog Devices AD5748 Datasheet HTML 28Page - Analog Devices AD5748 Datasheet HTML 29Page - Analog Devices AD5748 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5748
Rev. A | Page 26 of 32
Bit
Description
R3, R2, R1, R0
Selects output configuration in conjunction with RSET
RSET
R3
R2
R1
R0
Output Configuration
0
0
0
0
0
4 mA to 21 mA (external 15 kΩ current sense resistor)
0
0
0
0
1
0 mA to 21 mA (external 15 kΩ current sense resistor)
0
0
0
1
0
N/A
0
0
0
1
1
N/A
0
0
1
0
0
N/A
0
0
1
0
1
0 V to 5 V
0
0
1
1
0
N/A
0
0
1
1
1
N/A
0
1
0
0
0
N/A
0
1
0
0
1
N/A
0
1
0
1
0
0 V to 10.5 V
0
1
0
1
1
N/A
0
1
1
0
0
±10.5 V
0
1
1
0
1
N/A
0
1
1
1
0
N/A
0
1
1
1
1
N/A
1
0
0
0
0
4 mA to 21 mA (internal current sense resistor)
1
0
0
0
1
0 mA to 21 mA (internal current sense resistor)
1
0
0
1
0
N/A
1
0
0
1
1
N/A
1
0
1
0
0
N/A
1
0
1
0
1
0 V to 5 V
1
0
1
1
0
N/A
1
0
1
1
1
N/A
1
1
0
0
0
N/A
1
1
0
0
1
N/A
1
1
0
1
0
0 V to 10.5 V
1
1
0
1
1
N/A
1
1
1
0
0
±10.5 V
1
1
1
0
1
N/A
1
1
1
1
0
N/A
1
1
1
1
1
N/A
CLRSEL
Sets clear mode to zero scale or midscale. See the Asynchronous Clear (CLEAR) section
CLRSEL
Function
0
Clear to 0 V
1
Clear to midscale in unipolar mode; clear to zero scale in bipolar mode
OUTEN
Output enable bit. This bit must be set to 1 to enable the outputs
Clear
Software clear bit, active high
RSET
Select internal/external current sense resistor
RSET
Function
1
Select internal current sense resistor; used with the R3 to R0 bits to select range
0
Select external current sense resistor; used with the R3 to R0 bits to select range
Reset
Resets the part to its power-on state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com