Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5748 Datasheet HTML 10Page - Analog Devices AD5748 Datasheet HTML 11Page - Analog Devices AD5748 Datasheet HTML 12Page - Analog Devices AD5748 Datasheet HTML 13Page - Analog Devices AD5748 Datasheet HTML 14Page - Analog Devices AD5748 Datasheet HTML 15Page - Analog Devices AD5748 Datasheet HTML 16Page - Analog Devices AD5748 Datasheet HTML 17Page - Analog Devices AD5748 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5748
Rev. A | Page 14 of 32
12
10
8
6
4
2
0
27
22
17
12
7
2
–3
–8
TIME (µs)
Figure 17. Full-Scale Positive Step
12
10
8
6
4
2
0
27
22
17
12
7
2
–3
–8
TIME (µs)
Figure 18. Full-Scale Negative Step
40
35
30
25
20
15
10
5
0
–5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
TIME (ms)
Figure 19. VOUT vs. Time on Power-Up, Load = 2 kΩ || 200 pF
CH1 5.00V
CH2 20.0mV BW M1.0µs
A CH1
3.00V
1
2
Figure 20. VOUT Enable Glitch, Load = 2 kΩ || 1 nF
5µV/DIV
1s/DIV
Figure 21. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
100µV/DIV
1s/DIV
Figure 22. Peak-to-Peak Noise (100 kHz Bandwidth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com