Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5748 Datasheet HTML 24Page - Analog Devices AD5748 Datasheet HTML 25Page - Analog Devices AD5748 Datasheet HTML 26Page - Analog Devices AD5748 Datasheet HTML 27Page - Analog Devices AD5748 Datasheet HTML 28Page - Analog Devices AD5748 Datasheet HTML 29Page - Analog Devices AD5748 Datasheet HTML 30Page - Analog Devices AD5748 Datasheet HTML 31Page - Analog Devices AD5748 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD5748
Rev. A | Page 29 of 32
CURRENT SETTING RESISTOR
Referring to Figure 1, RSET is an internal sense resistor as part of
the voltage-to-current conversion circuitry. The nominal value
of the internal current sense resistor is 15 kΩ. To allow for over-
range capability in current mode, the user can also select the
internal current sense resistor to be 14.7 kΩ, giving a nominal
2% overrange capability. This feature is available in the 0 mA
to 21 mA and 4 mA to 21 mA current ranges.
The stability of the output current value over temperature is
dependent on the stability of the value of RSET. As a method of
improving the stability of the output current over temperature,
an external low drift resistor can be connected to the REXT1
and REXT2 pins of the AD5748, which can be used instead of
the internal resistor. The external resistor is selected via the
input shift register. If the external resistor option is not used,
the REXT1 and REXT2 pins should be left floating.
PACKET ERROR CHECKING
To verify that data has been received correctly in noisy environ-
ments, the AD5748 offers the option of error checking based on
an 8-bit (CRC-8) cyclic redundancy check. The device controlling
the AD5748 should generate an 8-bit frame check sequence
using the following polynomial:
C(x) = x8 + x2 + x1 + 1
This is added to the end of the data-word, and 24 data bits are
sent to the AD5748 before taking SYNC high. If the AD5748
receives a 24-bit data frame, it performs the error check when
SYNC goes high. If the check is valid, then the data is written
to the selected register. If the error check fails, the FAULT pin
goes low and Bit D3 of the status register is set. After reading
this register, this error flag is cleared automatically and the
FAULT pin goes high again.
SCLK
SDIN
SYNC
UPDATE ON SYNC HIGH
D15
(MSB)
D0
(LSB)
16-BIT DATA
16-BIT DATA TRANSER—NO ERROR CHECKING
SCLK
SDIN
SYNC
FAULT
UPDATE AFTER SYNC HIGH
ONLY IF ERROR CHECK PASSED
FAULT GOES LOW IF
ERROR CHECK FAILS
D23
(MSB)
D8
(LSB)
D7
D0
16-BIT DATA
8-BIT FCS
16-BIT DATA TRANSER WITH ERROR CHECKING
Figure 53. PEC Error Checking Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com