Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 31 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5748 Datasheet HTML 24Page - Analog Devices AD5748 Datasheet HTML 25Page - Analog Devices AD5748 Datasheet HTML 26Page - Analog Devices AD5748 Datasheet HTML 27Page - Analog Devices AD5748 Datasheet HTML 28Page - Analog Devices AD5748 Datasheet HTML 29Page - Analog Devices AD5748 Datasheet HTML 30Page - Analog Devices AD5748 Datasheet HTML 31Page - Analog Devices AD5748 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD5748
Rev. A | Page 31 of 32
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. The
iCoupler® family of products from Analog Devices, Inc., provides
voltage isolation in excess of 5.0 kV. The serial loading structure
of the AD5748 makes it ideal for isolated interfaces because the
number of interface lines is kept to a minimum. Figure 56 shows
a 4-channel isolated interface using an ADuM1400. For further
information, visit www.analog.com/icouplers.
VIA
VOA
TO
SCLK
VIB
VOB
TO
SDIN
VIC
VOC
TO
SYNC
VID
VOD
TO
CLEAR
SERIAL
CLOCK OUT
SERIAL
DATA OUT
SYNC OUT
CONTROL OUT
CONTROLLER
ADuM14001
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 56. Isolated Interface
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5748 is via a serial bus
that uses a protocol compatible with microcontrollers and DSP
processors. The communications channel is a 3-wire (minimum)
interface consisting of a clock signal, a data signal, and a SYNC
signal. The AD5748 requires a 16-bit data-word with data valid
on the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com