Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5748 Datasheet HTML 19Page - Analog Devices AD5748 Datasheet HTML 20Page - Analog Devices AD5748 Datasheet HTML 21Page - Analog Devices AD5748 Datasheet HTML 22Page - Analog Devices AD5748 Datasheet HTML 23Page - Analog Devices AD5748 Datasheet HTML 24Page - Analog Devices AD5748 Datasheet HTML 25Page - Analog Devices AD5748 Datasheet HTML 26Page - Analog Devices AD5748 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD5748
Rev. A | Page 23 of 32
VSENSE+
VSENSE–
R3
R2
R1
R0
OUTPUT RANGE
SELECT PINS
VIN
SCLK
VDD
REFIN
SDI/DIN
SDO
SYNC1
AD506x
AD566x
MCU
VOUT
0V TO +5V,
0V TO +10.5V,
±10.5V
IOUT
4mA TO +21mA,
0mA TO +21mA
VOUT
RANGE
SCALE
IOUT
RANGE
SCALE
VREF
TEMP
VFAULT
IFAULT
ADP1720
ADR3192
VDD
AGND
VSS
AD5748
OUTEN
HW SELECT
DVCC
AVDD
GND
AVSS
Figure 50. Typical System Configuration in Hardware Mode Using Internal DAC Reference (Pull-Up Resistors Not Shown for Open-Drain Outputs)
Table 5. Suggested Parts for Use with AD5748
DAC
Reference
Power
Accuracy
Description
AD5660
Internal
ADP1720 1
12-bit INL
Mid end system, single channel, internal reference
AD5664R
Internal
N/A
N/A
Mid end system, quad channel, internal reference
AD5668
Internal
N/A
N/A
Mid end system, octal channel, internal reference
AD5060
ADR434
ADP1720
16-bit INL
High end system, single channel, external reference
AD5064
ADR434
N/A
N/A
High end system, quad channel, external reference
AD5662
ADR392 2
ADR3922
12-bit INL
Mid end system, single channel, external reference
AD5664
ADR3922
N/A
N/A
Mid end system, quad channel, external reference
1 ADP1720 input range up to 28 V.
2 ADR392 input range up to 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com