Electronic Components Datasheet Search
  English  ▼

X  

AD5748 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5748
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5748 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5748 Datasheet HTML 18Page - Analog Devices AD5748 Datasheet HTML 19Page - Analog Devices AD5748 Datasheet HTML 20Page - Analog Devices AD5748 Datasheet HTML 21Page - Analog Devices AD5748 Datasheet HTML 22Page - Analog Devices AD5748 Datasheet HTML 23Page - Analog Devices AD5748 Datasheet HTML 24Page - Analog Devices AD5748 Datasheet HTML 25Page - Analog Devices AD5748 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5748
Rev. A | Page 22 of 32
THEORY OF OPERATION
The AD5748 is a single-channel, precision, voltage/current
output driver with hardware or software programmable
output ranges. The software ranges are configured via an SPI-/
MICROWIRE-compatible serial interface. The analog input
to the AD5748 is provided from a low voltage, single-supply,
digital-to-analog converter and is internally conditioned to
provide the desired output current/voltage range. The analog
input range is 0 V to 4.096 V.
The output current range is programmable across two current
ranges: 4 mA to 21 mA and 0 mA to 21 mA.
The voltage output is provided from a separate pin that can
be configured to provide 0 V to 5 V, 0 V to 10.5 V, or ±10.5 V
output ranges. The current and voltage outputs are available on
separate pins. Only one output can be enabled at one time. The
output range is selected by programming the R3 to R0 bits in
the control register (see Table 6 and Table 7).
Figure 49 and Figure 50 show a typical configuration of the
AD5748 in software mode and in hardware mode, respectively,
in an output module system. The HW SELECT pin selects
whether the part is configured in software or hardware mode.
The analog input to the AD5748 is provided from a low voltage,
single-supply, digital-to-analog converter (DAC) such as the
AD506x or AD566x, which provides an output range of 0 V
to 4.096 V. The supply and reference for the DAC, as well as
the reference for the AD5748, can be supplied from a reference
such as the ADR392. The AD5748 can operate from supplies
up to ±26.4 V.
SOFTWARE MODE
In current mode, software-selectable output ranges include 0 mA
to 21 mA, and 4 mA to 21 mA.
In voltage mode, software-selectable output ranges include 0 V
to 5 V, 0 V to 10.5 V, and ±10.5 V.
VSENSE+
VSENSE–
VIN
SCLK
VDD
REFIN
SDI/DIN
SDO
SYNC1
SYNC
SDO
SDIN
SCLK
AD506x
AD566x
MCU
VOUT
0V TO +5V,
0V TO +10.5V,
±10.5V
IOUT
4mA TO 21mA,
0mA TO 21mA
VOUT
RANGE
SCALE
IOUT
RANGE
SCALE
VOUT SHORT FAULT
IOUT OPEN FAULT
OVERTEMP FAULT
PEC ERROR
STATUS REGISTER
SERIAL
INTERFACE
VREF
HW SELECT
FAULT
ADP1720
ADR392
VDD
AGND
VSS
AVDD
GND
AVSS
AD5748
Figure 49. Typical System Configuration in Software Mode (Pull-Up Resistors Not Shown for Open-Drain Outputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com